Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75701KC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75701KC
Description  TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75701KC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75701KC Datasheet HTML 3Page - Texas Instruments TPS75701KC Datasheet HTML 4Page - Texas Instruments TPS75701KC Datasheet HTML 5Page - Texas Instruments TPS75701KC Datasheet HTML 6Page - Texas Instruments TPS75701KC Datasheet HTML 7Page - Texas Instruments TPS75701KC Datasheet HTML 8Page - Texas Instruments TPS75701KC Datasheet HTML 9Page - Texas Instruments TPS75701KC Datasheet HTML 10Page - Texas Instruments TPS75701KC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = −40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 100 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input current (EN)
EN = VI
−1
1
µA
Input current (EN)
EN = 0 V
−1
0
1
µA
High level EN input voltage
2
V
Low level EN input voltage
0.7
V
Dropout voltage, (3.3 V output) (see Note 4)
IO = 3 A,
VI = 3.2 V,
TJ = 25°C
150
mV
VO
Dropout voltage, (3.3 V output) (see Note 4)
IO = 3 A,
VI = 3.2 V
300
mV
VO
Discharge transistor current
VO = 1.5 V,
TJ = 25°C
10
25
mA
VI
UVLO
TJ = 25°C,
VI rising
2.2
2.75
V
VI
UVLO hysteresis
TJ = 25°C,
VI falling
100
mV
NOTE 4: IN voltage equals VO(typ) − 100 mV; TPS75715, TPS75718, and TPS75725 dropout voltage limited by input voltage range limitations
(i.e., TPS75733 input voltage is set to 3.2 V for the purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5
Ground current
vs Junction temperature
6
Power supply ripple rejection
vs Frequency
7
Output spectral noise density
vs Frequency
8
zo
Output impedance
vs Frequency
9
VDO
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
VI
Minimum required input voltage
vs Output voltage
12
Line transient response
13, 15
Load transient response
14, 16
VO
Output voltage and enable voltage
vs Time (start-up)
17
Equivalent series resistance
vs Output current
19, 20


Similar Part No. - TPS75701KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75701KC TI-TPS75701KC Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75701KC TI1-TPS75701KC Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75701KCG3 TI1-TPS75701KCG3 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75701KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI1-TPS75715_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com