Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4U-1404 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XG4U-1404
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4U-1404 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XG4U-1404 Datasheet HTML 1Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 2Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 3Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 4Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 5Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 6Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 7Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 8Page - Omron Electronics LLC XG4U-1404 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Flat Cable Connectors
XG4
XG4M MIL Sockets
■ Dimensions
(Unit: mm)
XG4M-
@@30-T (XG4M-@@30 + XG4T-@@04)
XG4M-
@@31-T (XG4M-@@31 + XG4T-@@04)
MIL Socket and Strain Relief Sets
■ Ordering Information
Note: 1. With open-end cover.
2. Strain Relief sold separately.
3. Polarity guide pitch is 22.86 mm
Strain relief
Open-end cover
Triangular mark
Polarizing Key slot (2)
(Not on models with
less than 14 contacts.)
Polarity guide
Polarizing Key slot (1)
XG4M-
@@30 (one polarizing guide)
XG4M-
@@31 (all others)
XG4T-
@@04
Strain Relief
Dimensions
No. of
contacts
Dimensions (mm)
AB
10
17.3
10.16
14
22.3
15.24
16
24.9
17.78
20
30.0
22.86
26
37.6
30.48
30
42.7
35.56
34
47.7
40.64
40
55.4
48.26
50
68.1
60.96
60
80.8
73.66
64
85.8
78.74
No. of
contacts
No. of polarity
guides
Socket and Strain Relief Set (See note 1.)
Socket with Open-end Cover (See note 2.) Strain Relief for the XG4M
10
0
XG4M-1031-T
XG4M-1031
XG4T-1004
1
XG4M-1030-T
XG4M-1030
14
1
XG4M-1430-T
XG4M-1430
XG4T-1404
16
1
XG4M-1630-T
XG4M-1630
XG4T-1604
20
1
XG4M-2030-T
XG4M-2030
XG4T-2004
26
1
XG4M-2630-T
XG4M-2630
XG4T-2604
30
1
XG4M-3030-T
XG4M-3030
XG4T-3004
34
1
XG4M-3430-T
XG4M-3430
XG4T-3404
40
1
XG4M-4030-T
XG4M-4030
XG4T-4004
50
1
XG4M-5030-T
XG4M-5030
XG4T-5004
2 (See note 3.) XG4M-5031-T
XG4M-5031
60
1
XG4M-6030-T
XG4M-6030
XG4T-6004
2 (See note 3.) XG4M-6031-T
XG4M-6031
64
1
XG4M-6430-T
XG4M-6430
XG4T-6404
2 (See note 3.) XG4M-6431-T
XG4M-6431


Similar Part No. - XG4U-1404

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4U-1404 OMRON-XG4U-1404 Datasheet
1Mb / 22P
   Flat Cable Connectors
More results

Similar Description - XG4U-1404

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com