Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX1600 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMX1600
Description  LMX1600 2.0 GHz/500 MHz, LMX1601 1.1 GHz/500 MHz, LMX1602 1.1 GHz/1.1 GHz PLLatinum??Low Cost Dual Frequency Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX1600 Datasheet(HTML) 2 Page - Texas Instruments

  LMX1600 Datasheet HTML 1Page - Texas Instruments LMX1600 Datasheet HTML 2Page - Texas Instruments LMX1600 Datasheet HTML 3Page - Texas Instruments LMX1600 Datasheet HTML 4Page - Texas Instruments LMX1600 Datasheet HTML 5Page - Texas Instruments LMX1600 Datasheet HTML 6Page - Texas Instruments LMX1600 Datasheet HTML 7Page - Texas Instruments LMX1600 Datasheet HTML 8Page - Texas Instruments LMX1600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OBSOLETE
LMX1600, LMX1601, LMX1602
SNAS017F – MARCH 1998 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
16 Pin PLGA
See Package Number NPG
16 Pin TSSOP
See Package Number PW
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMX1600 LMX1601 LMX1602


Similar Part No. - LMX1600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600SLB NSC-LMX1600SLB Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600TM NSC-LMX1600TM Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
More results

Similar Description - LMX1600

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
logo
List of Unclassifed Man...
FS8160 ETC1-FS8160 Datasheet
250Kb / 13P
   1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
   Prescaler Circuit 1.1 GHz
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com