Electronic Components Datasheet Search |
|
LMV324L Datasheet(PDF) 11 Page - STMicroelectronics |
|
LMV324L Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 20 page DocID023066 Rev 2 11/20 LMV321L, LMV358L, LMV324L Application information 20 4 Application information 4.1 Operating voltages The LMV321L, LMV358L, and LMV324L can operate from 2.7 to 5.5 V. The devices’ parameters are fully specified for 2.7 V and 5 V power supplies. Additionally, the main specifications are guaranteed in extended temperature ranges from -40 ° C to +125 ° C. 4.2 Input common-mode range The LMV321L, LMV358L, and LMV324L have an input common-mode range that includes ground. The input common-mode range is extended from VCC- - 0.2 V to VCC+ - 1 V, with no output phase reversal. 4.3 Rail-to-rail output The operational amplifiers’ output levels can go close to the rails: 180 mV maximum above and below the rail when connected to a 10 k Ω resistive load to VCC/2. 4.4 Input offset voltage drift over temperature The maximum input voltage drift over the temperature variation is defined as follows. for Tmin < T < Tmax. 4.5 PCB layouts For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible to the power supply pins. 4.6 Macromodel Accurate macromodels of the LMV321L, LMV358L, and LMV324L are available on STMicroelectronics’ web site at www.st.com. These models are a trade-off between accuracy and complexity (that is, time simulation) of the LMV321L, LMV358L, and LMV324L operational amplifiers. They emulate the nominal performances of a typical device within the specified operating conditions mentioned in the datasheet. They also help to validate a design approach and to select the right operational amplifier, but they do not replace on- board measurements. ΔVio ΔT ------------- max Vio T () Vio 25° C () – T25 ° C – ----------------------------------------------------- = |
Similar Part No. - LMV324L |
|
Similar Description - LMV324L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |