Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358L Datasheet(PDF) 11 Page - STMicroelectronics

Part # LMV358L
Description  Low-power, general-purpose operational amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV358L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LMV358L Datasheet HTML 7Page - STMicroelectronics LMV358L Datasheet HTML 8Page - STMicroelectronics LMV358L Datasheet HTML 9Page - STMicroelectronics LMV358L Datasheet HTML 10Page - STMicroelectronics LMV358L Datasheet HTML 11Page - STMicroelectronics LMV358L Datasheet HTML 12Page - STMicroelectronics LMV358L Datasheet HTML 13Page - STMicroelectronics LMV358L Datasheet HTML 14Page - STMicroelectronics LMV358L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID023066 Rev 2
11/20
LMV321L, LMV358L, LMV324L
Application information
20
4
Application information
4.1
Operating voltages
The LMV321L, LMV358L, and LMV324L can operate from 2.7 to 5.5 V. The devices’
parameters are fully specified for 2.7 V and 5 V power supplies. Additionally, the main
specifications are guaranteed in extended temperature ranges from -40 ° C to +125 ° C.
4.2
Input common-mode range
The LMV321L, LMV358L, and LMV324L have an input common-mode range that includes
ground. The input common-mode range is extended from VCC- - 0.2 V to VCC+ - 1 V, with no
output phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 180 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as follows.
for Tmin < T < Tmax.
4.5
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.6
Macromodel
Accurate macromodels of the LMV321L, LMV358L, and LMV324L are available on
STMicroelectronics’ web site at www.st.com. These models are a trade-off between
accuracy and complexity (that is, time simulation) of the LMV321L, LMV358L, and LMV324L
operational amplifiers. They emulate the nominal performances of a typical device within the
specified operating conditions mentioned in the datasheet. They also help to validate a
design approach and to select the right operational amplifier, but they do not replace on-
board measurements.
ΔVio
ΔT
-------------
max Vio T
() Vio 25° C
()
T25
° C
-----------------------------------------------------
=


Similar Part No. - LMV358L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV358L-D08-T UTC-LMV358L-D08-T Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358L-D08-T UTC-LMV358L-D08-T Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358L-P08-R UTC-LMV358L-P08-R Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358L-P08-R UTC-LMV358L-P08-R Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358L-P08-T UTC-LMV358L-P08-T Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
   Ground sense Low Power General Purpose Operational amplifiers
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com