Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4M-1031-U Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XG4M-1031-U
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4M-1031-U Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XG4M-1031-U Datasheet HTML 2Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 3Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 4Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 5Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 6Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 7Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 8Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 9Page - Omron Electronics LLC XG4M-1031-U Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Flat Cable Connectors
XG4
■ Ordering Information
Use in Combination with Strain-relief Sockets.
Note: Polarizing slot pitch is 22.86 mm.
No. of
contacts
No. of
polarizing
slots
Plugs with straight DIP terminals
Plugs with right-angle DIP terminals
10
0
XG4A-1071
XG4A-1074
1
XG4A-1031
XG4A-1034
14
1
XG4A-1431
XG4A-1434
16
1
XG4A-1631
XG4A-1634
20
1
XG4A-2031
XG4A-2034
26
1
XG4A-2631
XG4A-2634
30
1
XG4A-3031
XG4A-3034
34
1
XG4A-3431
XG4A-3434
40
1
XG4A-4031
XG4A-4034
50
1
XG4A-5031
XG4A-5034
2 (See note.)
XG4A-5071
XG4A-5074
60
1
XG4A-6031
XG4A-6034
2 (See note.)
XG4A-6071
XG4A-6074
64
1
XG4A-6431
XG4A-6434
2 (See note.)
XG4A-6471
XG4A-6474


Similar Part No. - XG4M-1031-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4M-1031-U OMRON-XG4M-1031-U Datasheet
1Mb / 22P
   Flat Cable Connectors
More results

Similar Description - XG4M-1031-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com