Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-15G5-1AR6-T Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # V-15G5-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G5-1AR6-T Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button V-15G5-1AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 12Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
V
V
118
Contact Specifications
Item
V-21
V-16
V-15
V-11
V-10
Contact
Specification
Rivet
Material
Silver alloy
Silver
Gap
(standard value)
1 mm (F gap) or 0.5 mm (G gap)
Inrush current
NC
50 A max.
40 A max.
36 A max.
24 A max.
NO
Minimum applicable load
160 mA at 5 VDC
Contact Form
SPDT
SPST-NC
SPST-NO
Engineering Data (Reference Values)
Mechanical Durability
(Pin Plunger Models)
V-21/-16/-15/-10
Electrical Durability
(Pin Plunger Models)
V-21/-16/-15
200
100
50
10
0.01
0
0.2 0.4
0.6 0.8 1.0 1.2 1.4 (1.6) 1.8
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Without load
Operating frequency: 600 operations/min
V-10 (0.98 N {100 gf}),
V-11
V-10 (1.96 N
{200 gf})
V-15
V-16
V-21
OT rated value
Operating frequency: 60 operations/min
cos
φ = 1, 250 VAC
5
2
1
0.5
0.3
0.1
0
4
8
12
16
202428
V-21
V-15
V-16
5
2
1
0.5
0.3
0.1
0
0.5 12
34 5
6 7 8
9 10 11 12
V-10
V-11
V-11/-10
Full stroke
OT (mm)
Switching current (A)
Switching current (A)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 60 operations/min
cos
φ = 1, 250 VAC


Similar Part No. - V-15G5-1AR6-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-15G5-1AR6-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com