Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDF220-34 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMDF220-34
Description  Dual Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMDF220-34 Datasheet(HTML) 1 Page - API Technologies Corp

  CMDF220-34 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
_____________________________________________________________________________________________
CMDF220 – 34
Dual Bandpass Filter
Specifications:
Passbands:
3400 – 3800 MHz
1 dB Bandwidth:
34 MHz
Insertion Loss:
1.2 dB max. @ Fo
VSWR:
1.70:1 over passband
Rejection:
Fo +/- 48 MHz
27 dBc min.
Fo +/- 105 MHz
50 dBc min.
Power:
+ 45 dBm
Connectors:
SMA Female Input / Output
Operating Temperature:
0 to +60° Celsius Std. Configuration
-40° to +85° Celsius with Temp.
Compensation
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMDF220-34

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMDF220-28 APITECH-CMDF220-28 Datasheet
127Kb / 1P
   Dual Bandpass Filter
More results

Similar Description - CMDF220-34

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMDF220-28 APITECH-CMDF220-28 Datasheet
127Kb / 1P
   Dual Bandpass Filter
logo
Integrated Technology F...
251658B ITF-251658B Datasheet
189Kb / 3P
   15MHz BW IF Dual Bandpass Filter
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com