Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL008K0XMFI041 Datasheet(PDF) 33 Page - SPANSION

Part # S25FL008K0XMFI041
Description  8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL008K0XMFI041 Datasheet(HTML) 33 Page - SPANSION

Back Button S25FL008K0XMFI041 Datasheet HTML 29Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 30Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 31Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 32Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 33Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 34Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 35Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 36Page - SPANSION S25FL008K0XMFI041 Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
October 14, 2010 S25FL008K_00_02
S25FL008K
33
Data
Sheet
(Preliminar y )
7.0.15
Continuous Read Mode Bits (M7-0)
The “Continuous Read Mode” bits are used in conjunction with “Fast Read Dual I/O”, “Fast Read Quad I/O”,
“Word Read Quad I/O” and “Octal Word Read Quad I/O” instructions to provide the highest random Flash
memory access rate with minimum SPI instruction overhead, thus allow true XIP (execute in place) to be
performed on serial flash devices.
M7-0 need to be set by the Dual/Quad I/O Read instructions. M5-4 are used to control whether the 8-bit SPI
instruction code (BBh, EBh, E7h or E3h) is needed or not for the next command. When M5-4 = (1,0), the next
command will be treated same as the current Dual/Quad I/O Read command without needing the 8-bit
instruction code; when M5-4 do not equal to (1,0), the device returns to normal SPI mode, all commands can
be accepted. M7-6 and M3-0 are reserved bits for future use, either 0 or 1 values can be used.
7.0.16
Continuous Read Mode Reset (FFh or FFFFh)
Continuous Read Mode Reset instruction can be used to set M4 = 1, thus the device will release the
Continuous Read Mode and return to normal SPI operation, as shown in Figure 7.19.
Figure 7.19 Continuous Read Mode Reset for Fast Read Dual/Quad I/O
Since S25FL008K does not have a hardware Reset pin, so if the controller resets while S25FL008K is set to
Continuous Mode Read, the S25FL008K will not recognize any initial standard SPI instructions from the
controller. To address this possibility, it is recommended to issue a Continuous Read Mode Reset instruction
as the first instruction after a system Reset. Doing so will release the device from the Continuous Read Mode
and allow Standard SPI instructions to be recognized.
To reset “Continuous Read Mode” during Quad I/O operation, only eight clocks are needed. The instruction is
“FFh”. To reset “Continuous Read Mode” during Dual I/O operation, sixteen clocks are needed to shift in
instruction “FFFFh”.
CS#
CLK
IO0
IO1
IO2
IO3
Mode 3
Mode 0
Don’t Care
Mode 3
Mode 0
Don’t Care
Don’t Care
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode Bit Reset
for Quad I/O
Mode Bit Reset
for Quad I/O
FFh
FFh


Similar Part No. - S25FL008K0XMFI041

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI000 SPANSION-S25FL008A0LMAI000 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI001 SPANSION-S25FL008A0LMAI001 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI003 SPANSION-S25FL008A0LMAI003 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMFI000 SPANSION-S25FL008A0LMFI000 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL008K0XMFI041

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com