Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU8043-270Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU8043-270Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU8043-270Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU8043-270Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU8043-270Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.0
(.236)
TYP.
TYP.
8.0 ± 0.3
(.315 ± .012)
2.5
(.098)
TYP.
2.8
(.110)
TYP.
2.5
(.098)
4.3 ± 0.3
(.169 ± .012)
8.0 ± 0.3
(.315 ± .012)
5.8
(.228)
2.0
(.079)
2.0
(.079)
3.2
(.126)
REF.
REF.
REF.
REF.
Features
Available in E6 series
Unit height of 4.3 mm
Current up to 5.4 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU8043 Series - Shielded SMD Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Electrical Specifications
Bourns
Part No.
Inductance
100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
RDC
(m
Ω)
Irms
Max.
(A)
Isat
Typ.
(A)
**K-
Factor
(µH)
Tol.
%
SRU8043-2R2Y
2.2
± 30
15
7.96
65.0
11.2
5.40
5.20
250
SRU8043-3R9Y
3.9
± 30
15
7.96
42.0
14.6
4.80
4.00
191
SRU8043-4R7Y
4.7
± 30
13
7.96
36.0
17.0
4.60
3.60
171
SRU8043-6R8Y
6.8
± 30
12
7.96
30.0
22.4
3.80
3.10
141
SRU8043-100Y
10
± 30
27
2.52
20.0
30.0
3.50
2.70
120
SRU8043-120Y
12
± 30
15
2.52
15.0
39.0
2.80
2.20
110
SRU8043-150Y
15
± 30
26
2.52
15.0
46.0
2.70
2.00
98
SRU8043-180Y
18
± 30
15
2.52
15.0
62.0
2.30
1.70
87
SRU8043-220Y
22
± 30
24
2.52
12.0
72.5
2.20
1.70
79
SRU8043-270Y
27
±30
17
2.52
12.0
84.0
1.80
1.55
73
SRU8043-330Y
33
± 30
21
2.52
11.0
100.0
1.70
1.40
66
SRU8043-470Y
47
±30
21
2.52
9.0
120.0
1.50
1.20
55
SRU8043-680Y
68
±30
20
2.52
7.0
192.0
1.20
1.00
44
SRU8043-101Y
100
±30
50
0.796
6.0
287.0
1.00
0.80
38
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging.................. 1000 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
Inductor Connection
101
LCR METER
Flux Density Bp-p (gauss)
100
1000
10000
10
10
100
1 MHz
800 KHz
500 KHz
400 KHz
300 KHz
200 KHz
100 KHz
1000
1
0.1
0.01
0.001
0.0001
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
Core Loss vs. Flux Density


Similar Part No. - SRU8043-270Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU8043-220Y BOURNS-SRU8043-220Y Datasheet
158Kb / 2P
   Shielded SMD Power Inductors
SRU8043-2R2Y BOURNS-SRU8043-2R2Y Datasheet
158Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU8043-270Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com