Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8033AKSZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8033AKSZ-R2
Description  Low Cost, 80 MHz FastFET Op Amps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKSZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8033AKSZ-R2 Datasheet HTML 1Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 2Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AD8033/AD8034
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Connection Diagrams...................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 6
 
Maximum Power Dissipation ..................................................... 6
 
Output Short Circuit .................................................................... 6
 
ESD Caution.................................................................................. 6
 
Typical Performance Characteristics ............................................. 7
 
Test Circuits..................................................................................... 14
 
Theory of Operation ...................................................................... 16
 
Output Stage Drive and Capacitive Load Drive ..................... 16
 
Input Overdrive .......................................................................... 16
 
Input Impedance ........................................................................ 16
 
Thermal Considerations............................................................ 16
 
Layout, Grounding, and Bypassing Considerations .................. 18
 
Bypassing..................................................................................... 18
 
Grounding ................................................................................... 18
 
Leakage Currents........................................................................ 18
 
Input Capacitance ...................................................................... 18
 
Applications Information .............................................................. 19
 
High Speed Peak Detector ........................................................ 19
 
Active Filters ............................................................................... 20
 
Wideband Photodiode Preamp ................................................ 21
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
9/08—Rev. C to Rev. D
Deleted Usable Input Range Parameter, Table 1........................... 3
Deleted Usable Input Range Parameter, Table 2........................... 4
Deleted Usable Input Range Parameter, Table 3........................... 5
4/08—Rev. B to Rev. C
Changes to Format .............................................................Universal
Changes to Features and General Description ............................. 1
Changes to Figure 13 Caption and Figure 14 Caption ................ 8
Changes to Figure 22 and Figure 23............................................... 9
Changes to Figure 25 and Figure 28............................................. 10
Changes to Input Capacitance Section ........................................ 18
Changes to Active Filters Section ................................................. 21
Changes to Outline Dimensions................................................... 23
Changes to Ordering Guide .......................................................... 24
2/03—Rev. A to Rev. B
Changes to Features.......................................................................... 1
Changes to Connection Diagrams ................................................. 1
Changes to Specifications ................................................................ 2
Changes to Absolute Maximum Ratings ....................................... 4
Replaced TPC 31............................................................................. 11
Changes to TPC 35......................................................................... 11
Changes to Test Circuit 3............................................................... 12
Updated Outline Dimensions ....................................................... 19
8/02—Rev. 0 to Rev. A
Added AD8033 ...................................................................Universal
VOUT = 2 V p-p Deleted from Default Conditions .........Universal
Added SOIC-8 (R) and SC70 (KS)..................................................1
Edits to General Description Section .............................................1
Changes to Specifications.................................................................2
New Figure 2 ......................................................................................5
Edits to Maximum Power Dissipation Section..............................5
Changes to Ordering Guide .............................................................5
Change to TPC 3 ...............................................................................6
Change to TPC 6 ...............................................................................6
Change to TPC 9 ...............................................................................7
New TPC 16 .......................................................................................8
New TPC 17 .......................................................................................8
New TPC 31 .................................................................................... 11
New TPC 35 .................................................................................... 11
New Test Circuit 9 .......................................................................... 13
SC70 (KS) Package Added ............................................................ 19


Similar Part No. - AD8033AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033AKSZ-R2 AD-AD8033AKSZ-R2 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

Similar Description - AD8033AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com