Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8047ANZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8047ANZ
Description  250 MHz, General Purpose Voltage Feedback Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047ANZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8047ANZ Datasheet HTML 2Page - Analog Devices AD8047ANZ Datasheet HTML 3Page - Analog Devices AD8047ANZ Datasheet HTML 4Page - Analog Devices AD8047ANZ Datasheet HTML 5Page - Analog Devices AD8047ANZ Datasheet HTML 6Page - Analog Devices AD8047ANZ Datasheet HTML 7Page - Analog Devices AD8047ANZ Datasheet HTML 8Page - Analog Devices AD8047ANZ Datasheet HTML 9Page - Analog Devices AD8047ANZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
REV. A
AD8047/AD8048
–5–
PULSE
GENERATOR
RF
+VS
–VS
VIN
VOUT
10 F
AD8048
3
2
7
6
0.1 F
4
TR/TF = 500ps
RIN
10 F
0.1 F
RT = 49.9
RL = 100
TPC 7. AD8048 Noninverting Configuration, G = +2
5ns
1V
TPC 8. AD8048 Large Signal Transient Response;
VO = 4 V p-p, G = +2, RF = RIN = 200
5ns
100mV
TPC 9. AD8048 Small Signal Transient Response;
VO = 400 mV p-p, G = +2, RF = RIN = 200
+VS
PULSE
GENERATOR
–VS
VOUT
RF
RIN
10 F
10 F
0.1 F
0.1 F
AD8048
3
2
7
6
4
TR/TF = 500ps
RL = 100
RS = 100
VIN
RT = 66.5
TPC 10. AD8048 Inverting Configuration, G= –1
5ns
1V
TPC 11. AD8048 Large Signal Transient Response;
VO = 4 V p-p, G = –1, RF = RIN = 200
5ns
100mV
TPC 12. AD8048 Small Signal Transient Response;
VO = 400 mV p-p, G = –1, RF = RIN = 200


Similar Part No. - AD8047ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047ANZ AD-AD8047ANZ Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results

Similar Description - AD8047ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047 Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047 AD-AD8047_03 Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ARZ AD-AD8047ARZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
3PEAK INC.
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com