Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7943AN-B Datasheet(PDF) 7 Page - Analog Devices

Part # AD7943AN-B
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7943AN-B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7943AN-B Datasheet HTML 3Page - Analog Devices AD7943AN-B Datasheet HTML 4Page - Analog Devices AD7943AN-B Datasheet HTML 5Page - Analog Devices AD7943AN-B Datasheet HTML 6Page - Analog Devices AD7943AN-B Datasheet HTML 7Page - Analog Devices AD7943AN-B Datasheet HTML 8Page - Analog Devices AD7943AN-B Datasheet HTML 9Page - Analog Devices AD7943AN-B Datasheet HTML 10Page - Analog Devices AD7943AN-B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–7–
ORDERING GUIDE
Temperature
Linearity
Nominal
Package
Model
Range
Error (LSBs)
Supply Voltage
Option
1
AD7943BN
–40
°C to +85°C
±0.5
+5 V
N-16
AD7943BR
–40
°C to +85°C
±0.5
+5 V
R-16
AD7943BRS
–40
°C to +85°C
±0.5
+5 V
RS-20
AD7943AN-B
–40
°C to +85°C
±1
+3.3 V to +5 V
N-16
AD7943ARS-B
–40
°C to +85°C
±1
+3.3 V to +5 V
RS-20
AD7945BN
–40
°C to +85°C
±0.5
+5 V
N-20
AD7945BR
–40
°C to +85°C
±0.5
+5 V
R-20
AD7945BRS
–40
°C to +85°C
±0.5
+5 V
RS-20
AD7945AN-B
–40
°C to +85°C
±1
+3.3 V to +5 V
N-20
AD7945ARS-B
–40
°C to +85°C
±1
+3.3 V to +5 V
RS-20
AD7945TQ
–55
°C to +125°C
±1
+5 V
Q-20
AD7948BN
–40
°C to +85°C
±0.5
+5 V
N-20
AD7948BR
–40
°C to +85°C
±0.5
+5 V
R-20
AD7948BRS
–40
°C to +85°C
±0.5
+5 V
RS-20
AD7948AN-B
–40
°C to +85°C
±1
+3.3 V to +5 V
N-20
AD7948ARS-B
–40
°C to +85°C
±1
+3.3 V to +5 V
RS-20
NOTE
1N = Plastic DIP; R = SOP (Small Outline Package); RS = SSOP (Shrink Small Outline Package); Q = Cerdip.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . .–0.3 V to +6 V
IOUT1 to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
IOUT2 to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . . . . . . –0.3 V to VDD + 0.3 V
VRFB, VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . . .
±15 V
Input Current to Any Pin Except Supplies
2
. . . . . . . .
±10 mA
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
DIP Package, Power Dissipation . . . . . . . . . . . . . . . . 670 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 116
°C/W
Lead Temperature, Soldering, (10 sec) . . . . . . . . . . +260
°C
SOP Package, Power Dissipation . . . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
SSOP Package, Power Dissipation . . . . . . . . . . . . . . . . 875 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 132
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7943/AD7945/AD7948 feature proprietary ESD protection circuitry, perma-
nent damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD7943AN-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943AN-B AD-AD7943AN-B Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943AN-B AD-AD7943AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943AN-B AD-AD7943AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943AN-B AD-AD7943AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943AN-B AD-AD7943AN-B Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
More results

Similar Description - AD7943AN-B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com