Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU1038-470Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU1038-470Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1038-470Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU1038-470Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1038-470Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.2
(.283)
1.8
(.071)
1.8
(.071)
3.6
(.142)
REF.
REF.
REF.
REF.
Features
Available in E6 series
Unit height of 3.8 mm
Current up to 7.2 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU1038 Series - Shielded SMD Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Electrical Specifications
Bourns
Part No.
Inductance
100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Typ.
(MHz)
RDC
(m
Ω)
Irms
Max.
(A)
Isat
Typ.
(A)
**K-
Factor
(µH)
Tol.
%
SRU1038-1R5Y
1.5
± 30
14
7.96
65.0
5.2
7.20
7.00
177
SRU1038-2R2Y
2.2
± 30
12
7.96
55.0
7.7
6.80
6.50
145
SRU1038-2R5Y
2.5
± 30
12
7.96
50.0
12.5
6.10
6.00
136
SRU1038-3R5Y
3.5
± 30
14
7.96
24.0
11.5
5.50
5.50
106
SRU1038-3R8Y
3.8
± 30
14
7.96
35.0
15.0
5.50
5.50
104
SRU1038-5R0Y
5.0
± 30
12
7.96
30.0
14.5
4.60
4.80
94
SRU1038-5R2Y
5.2
± 30
12
7.96
30.0
22.0
4.60
4.80
92
SRU1038-6R2Y
6.2
± 30
12
7.96
25.0
16.5
4.00
4.20
84
SRU1038-6R8Y
6.8
± 30
13
7.96
36.0
35.0
3.90
4.00
80
SRU1038-8R2Y
8.2
± 30
12
7.96
22.0
32.0
3.80
3.90
73
SRU1038-100Y
10.0
± 30
24
7.96
20.0
25.0
3.80
3.60
64
SRU1038-150Y
15.0
± 30
24
2.52
16.0
37.0
2.80
2.70
51
SRU1038-220Y
22.0
± 30
20
2.52
12.0
55.8
2.20
2.30
43
SRU1038-270Y
27.0
± 30
22
2.52
11.0
78.0
1.85
1.90
39
SRU1038-330Y
33.0
± 30
22
2.52
10.0
86.0
1.80
1.80
35
SRU1038-470Y
47.0
± 30
22
2.52
8.0
121.0
1.65
1.60
29
SRU1038-680Y
68.0
± 30
24
2.52
7.0
166.0
1.10
1.30
26
SRU1038-101Y
100.0
± 30
24
0.796
6.0
220.0
1.30
1.10
20
SRU1038-151Y
150.0
± 30
20
0.796
5.0
358.0
0.90
0.80
16
SRU1038-221Y
220.0
± 30
22
0.796
4.0
565.0
0.65
0.65
14
SRU1038-331Y
330.0
± 30
20
0.796
3.0
773.0
0.55
0.52
11
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Packaging.................... 800 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
100
7.4
(.291)
TYP.
TYP.
10.0 ± 0.3
(.394 ± .012)
3.4
(.134)
TYP.
3.2
(.126)
TYP.
3.4
(.134)
3.8 ± 0.3
(.150 ± .012)
10.0 ± 0.3
(.394 ± .012)
Recommended Layout
Inductor Connection
Electrical Schematic
LCR METER
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot on page 2.
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - SRU1038-470Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1038-470Y BOURNS-SRU1038-470Y Datasheet
156Kb / 2P
   SRU1038 Series - Shielded SMD Power Inductors
More results

Similar Description - SRU1038-470Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com