Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR7032 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR7032
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR7032 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR7032 Datasheet HTML 1Page - Bourns Electronic Solutions SRR7032 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Available in E6 values
Inductance values to 1000 µH
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRR7032 Series - Shielded SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Voltage ....................................0.5 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Electrical Specifications
Bourns Part No.
Inductance 1 KHz
Q
Typ.
Test
Frequency
(MHz)
SRF
Typ.
(MHz)
RDC
Max.
(
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
uH
Tol. %
SRR7032-2R2M
2.2
±20
12
7.96
70
0.022
2.65
2.60
SRR7032-3R3M
3.3
±20
16
7.96
55
0.027
2.40
2.20
SRR7032-4R7M
4.7
±20
16
7.96
43
0.042
2.00
2.00
SRR7032-6R8M
6.8
±20
17
7.96
37
0.054
1.60
1.80
SRR7032-100M
10.0
±20
25
2.52
35
0068
1.40
1.60
SRR7032-150M
15.0
±20
22
2.52
32
0.095
1.10
1.20
SRR7032-220M
22.0
±20
20
2.52
29
0.135
0.96
1.05
SRR7032-330M
33.0
±20
23
2.52
20
0.200
0.76
0.86
SRR7032-470M
47.0
±20
26
2.52
18
0.280
0.67
0.77
SRR7032-680M
68.0
±20
22
2.52
16
0.380
0.60
0.70
SRR7032-101M
100.0
±20
28
0.796
12
0.540
0.45
0.50
SRR7032-151M
150.0
±20
35
0.796
10
0.800
0.37
0.38
SRR7032-221M
220.0
±20
47
0.796
7.5
1.300
0.30
0.32
SRR7032-331M
330.0
±20
46
0.796
6.1
1.900
0.22
0.24
SRR7032-471M
470.0
±20
34
0.796
5.1
2.400
0.20
0.20
SRR7032-681M
680.0
±20
58
0.796
3.8
3.750
0.16
0.15
SRR7032-102M
1000.0
±20
120
0.252
3.1
5.400
0.15
0.14
General Specifications
Core............................... Ferrite DR & RI
Wire ............. Enameled copper wire 130
Terminal ....................................Cu/Ni/Sn
Rated Current
............... Ind. drop of 10 % typ. at Isat
Temperature Rise
.....................30 °C max. at rated Irms
Packaging.................. 1500 pcs. per reel
Materials
Product Dimensions
Recommended Layout
Schematic
DIMENSIONS:
MM
(INCHES)
150
2.4
(.094)
REF.
7.80
(.307)
1.8
(.071)
REF.
1.8
(.071)
REF.
4.2
(.165)
REF.
REF.
220
2.0
(.079)
TYP.
3.20
± 0.2
(.126
± .008)
7.0
± 0.3
(.276
± .012)
7.0
± 0.3
(.276
± .012)
1.5
(.059)
TYP.
4.0
(.157)
TYP.


Similar Part No. - SRR7032

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR7032 BOURNS-SRR7032 Datasheet
242Kb / 2P
   Shielded SMD Power Inductors
SRR7032-100M BOURNS-SRR7032-100M Datasheet
242Kb / 2P
   Shielded SMD Power Inductors
SRR7032-101M BOURNS-SRR7032-101M Datasheet
242Kb / 2P
   Shielded SMD Power Inductors
SRR7032-102M BOURNS-SRR7032-102M Datasheet
242Kb / 2P
   Shielded SMD Power Inductors
SRR7032-150M BOURNS-SRR7032-150M Datasheet
242Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR7032

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com