Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD810AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD810AR
Description  Low Power Video Op Amp with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD810AR Datasheet HTML 3Page - Analog Devices AD810AR Datasheet HTML 4Page - Analog Devices AD810AR Datasheet HTML 5Page - Analog Devices AD810AR Datasheet HTML 6Page - Analog Devices AD810AR Datasheet HTML 7Page - Analog Devices AD810AR Datasheet HTML 8Page - Analog Devices AD810AR Datasheet HTML 9Page - Analog Devices AD810AR Datasheet HTML 10Page - Analog Devices AD810AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD810
REV. A
–7–
Typical Characteristics, Noninverting Connection–
1V
1V
0%
10
20nS
90
100
VIN
VO
Figure 20. Small Signal Pulse Response, Gain = +1,
RF = 1 kΩ, RL = 150 Ω, VS = ±15 V
0
–5
10
100
–1
–2
–3
–4
1
1
1000
0
–45
–90
–135
–180
–225
–270
FREQUENCY – MHz
GAIN = +1
RL = 1kΩ
VS = ±15V
±5V
±2.5V
VS = ±15V
±5V
±2.5V
PHASE
GAIN
Figure 22. Closed-Loop Gain and Phase vs. Frequency,
G= +1, RF = 1 kΩ for ±15 V, 910 Ω for ±5 V and ±2.5 V
200
60
20
40
120
80
100
140
160
180
218
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
PEAKING
1dB
PEAKING
0.1dB
RF = 750Ω
RF = 1kΩ
RF = 1.5kΩ
G = +1
RL = 1kΩ
VO = 250mV p-p
Figure 24. –3 dB Bandwidth vs. Supply Voltage
G = +1, RL = 1 kΩ
AD810
RF
VO TO
TEKTRONIX
P6201 FET
PROBE
50
HP8130
PULSE
GENERATOR
RG
7
3
2
3
0.1µF
+VS
6
–VS
4
0.1µF
RL
VIN
VO
Figure 19. Noninverting Amplifier Connection
GAIN = +1
RL = 150Ω
±2.5V
±5V
±2.5V
PHASE
GAIN
0
–5
10
100
–1
–2
–3
–4
1
1
1000
0
–45
–90
–135
–180
–225
–270
FREQUENCY – MHz
±5V
VS = ±15V
VS = ±15V
Figure 21. Closed-Loop Gain and Phase vs. Frequency,
G= +1. RF = 1 kΩ for ±15 V, 910 Ω for ±5 V and ±2.5 V
110
40
20
30
70
50
60
80
90
100
218
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
G = +1
RL = 150Ω
VO = 250mV p-p
PEAKING
1dB
RF = 750Ω
PEAKING
0.1 dB
RF = 1kΩ
RF = 1.5kΩ
Figure 23. Bandwidth vs. Supply Voltage,
Gain = +1, RL = 150 Ω


Similar Part No. - AD810AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810AR AD-AD810AR Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR AD-AD810AR Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR AD-AD810AR Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR AD-AD810AR Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
More results

Similar Description - AD810AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
   Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
Analog Devices
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
REV. B
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
[Old version datasheet]   Low Cost, Low Power, 110MHz Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com