Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR5018-470Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR5018-470Y
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR5018-470Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR5018-470Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR5018-470Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QTY: 500 PCS. PER REEL
START
END
4.0
(.157)
12.0
(.472)
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
USER DIRECTION OF FEED
6R2
6R2
6R2
6R2
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRR5018 Series - Shielded Power Inductors
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
REV. 09/13
Inductance vs. Current
101
23
5 7 102
23
5 7
DC Current (mA)
103
104
23
5 7
10-1
100
7
5
3
2
101
102
7
5
3
2
7
5
3
2
3R0
1R2
100
330
101
Electrical Schematic
LCR METER
18.0 + 0
(.709 + 0)
20.5
(.807)
2.0
± 0.5
(.079
± .020)
50.0 - 0
(1.969 - 0)
178.0
(7.00)
DIA.
13.0
(.511)
DIA.
13.0
(.511)
DIA.
21.0
± 0.8
(.827
± .032)


Similar Part No. - SRR5018-470Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR5028 BOURNS-SRR5028 Datasheet
398Kb / 2P
   Shielded SMD Power Inductors
SRR5028-100Y BOURNS-SRR5028-100Y Datasheet
398Kb / 2P
   SRR5028 Series - Shielded SMD Power Inductors
SRR5028-100Y BOURNS-SRR5028-100Y Datasheet
398Kb / 2P
   Shielded SMD Power Inductors
SRR5028-101Y BOURNS-SRR5028-101Y Datasheet
398Kb / 2P
   SRR5028 Series - Shielded SMD Power Inductors
SRR5028-101Y BOURNS-SRR5028-101Y Datasheet
398Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR5018-470Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com