Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F86J16T-1 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F86J16T-1
Description  64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
Download  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J16T-1 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F86J16T-1 Datasheet HTML 1Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 2Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 3Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 4Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 5Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 6Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 7Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 8Page - Microchip Technology PIC18F86J16T-1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 466 page
background image
 2007-2012 Microchip Technology Inc.
DS39778E-page 3
PIC18F87J11 FAMILY
Pin Diagrams (Continued)
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
64 63 62 61
21 22 23 24 25 26 27 28 29 30 31 32
RE1/AD9/PMWR(3)/P2C
RE0/AD8/PMRD(3)/P2D
RG0/PMA8/ECCP3/P3A
RG1/PMA7/TX2/CK2
RG2/PMA6/RX2/DT2
RG3/PMCS1/CCP4/P3D
MCLR
RG4/PMCS2/CCP5/P1D
VSS
VDDCORE/VCAP
RF7/PMD0(3)/SS1
RB0/INT0/FLT0
RB1/INT1/PMA4
RB2/INT2/PMA3
RB3/INT3/PMA2/ECCP2(1)/P2A(1)
RB4/KBI0/PMA1
RB5/KBI1/PMA0
RB6/KBI2/PGC
VSS
OSC2/CLKO/RA6
OSC1/CLKI/RA7
VDD
RB7/KBI3/PGD
RC4/SDI1/SDA1
RC3/SCK1/SCL1
RC2/ECCP1/P1A
RC5/SDO1
1
2
RH2/A18/PMD7(3)
RH3/A19/PMD6(3)
17
18
RH7/PMWR(3)/AN15/P1B(2)
RH6/PMRD(3)/AN14/
37
RJ7/UB
RJ6/LB
50
49
RJ2/WRL
RJ3/WRH
19
20
33 34 35 36
38
58
57
56
55
54
53
52
51
60
59
68 67 66 65
72 71 70 69
74 73
78 77 76 75
79
80
80-Pin TQFP
Legend:
Shaded pins indicate pins that are tolerant up to +5.5V.
Note 1:
The ECCP2/P2A pin placement depends on the CCP2MX Configuration bit and Processor mode settings.
2:
P1B, P1C, P3B, and P3C pin placement depends on the ECCPMX Configuration bit setting.
3:
PMP pin placement depends on the PMPMX Configuration bit setting.
RF5/PMD2(3)/AN10/
RF4/AN9/C2INA
RF3/AN8/C2INB
RF2/PMA5/AN7/C1OUT
RF6/PMD1(3)/AN11/C1INA
C1INB/CVREF
P1C(2)/C1INC
PIC18F8XJ11
PIC18F8XJ16


Similar Part No. - PIC18F86J16T-1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J16 MICROCHIP-PIC18F86J16 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F86J16 MICROCHIP-PIC18F86J16 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86J16 MICROCHIP-PIC18F86J16 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC18F86J16T-1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18LF8622-I MICROCHIP-PIC18LF8622-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com