Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR1005-100M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRR1005-100M
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1005-100M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRR1005-100M Datasheet HTML 1Page - Bourns Electronic Solutions SRR1005-100M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 09/11
SRR1005 Series - Shielded Power Inductors
Packaging Specifications
26
(1.02)
30.4
(1.20)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
330
(12.99)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
USER DIRECTION OF FEED
200
(7.874)
NO COMPONENT
NO COMPONENT
COMPONENTS
9600
(378.2)
400
(15.748)
START
4
(.157)
16.0
(.63)
5.3
(.209)
24
(.945)
END
QTY: 600 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)
Soldering Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time
(seconds)
<2> Max. of 30 seconds > 220 °C
<1> Max. of 10 seconds at 250 °C
250 °C
<2>
<1>
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum


Similar Part No. - SRR1005-100M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1005-100M BOURNS-SRR1005-100M Datasheet
1Mb / 2P
   Shielded Power Inductors
More results

Similar Description - SRR1005-100M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com