Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62691 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62691
Description  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62691 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62691 Datasheet HTML 6Page - Texas Instruments TPS62691 Datasheet HTML 7Page - Texas Instruments TPS62691 Datasheet HTML 8Page - Texas Instruments TPS62691 Datasheet HTML 9Page - Texas Instruments TPS62691 Datasheet HTML 10Page - Texas Instruments TPS62691 Datasheet HTML 11Page - Texas Instruments TPS62691 Datasheet HTML 12Page - Texas Instruments TPS62691 Datasheet HTML 13Page - Texas Instruments TPS62691 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10 to 400 mA Load Step
V = 3.15 V,
V
= 2.85 V
I
O
MODE = Low
10 to 400 mA Load Step
V = 4.8 V,
V
= 2.85 V
I
O
MODE = Low
MODE = Low
V = 3.05 V,
V
= 2.85 V
I
O
5 to 600 mA Load Sweep
MODE = Low
V = 3.15 V,
V
= 2.85 V
I
O
5 to 500 mA Load Sweep
TPS62690
TPS62691
TPS62697
SLVS965B
– MARCH 2011 – REVISED JANUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
LOAD TRANSIENT RESPONSE IN
LOAD TRANSIENT RESPONSE IN
PFM/PWM OPERATION
PFM/PWM OPERATION
Figure 13.
Figure 14.
AC LOAD TRANSIENT RESPONSE
AC LOAD TRANSIENT RESPONSE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62690 TPS62691 TPS62697


Similar Part No. - TPS62691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690YFFR TI1-TPS62690YFFR Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690YFFT TI1-TPS62690YFFT Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
   50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com