Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62262 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62262 Datasheet HTML 5Page - Texas Instruments TPS62262 Datasheet HTML 6Page - Texas Instruments TPS62262 Datasheet HTML 7Page - Texas Instruments TPS62262 Datasheet HTML 8Page - Texas Instruments TPS62262 Datasheet HTML 9Page - Texas Instruments TPS62262 Datasheet HTML 10Page - Texas Instruments TPS62262 Datasheet HTML 11Page - Texas Instruments TPS62262 Datasheet HTML 12Page - Texas Instruments TPS62262 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TimeBase-10 s/Div
m
V
3.6V
V
1.8V,I
150mA
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
V
10mV/Div
OUT
SW2V/Div
I
COIL
200mA/Div
TimeBase-1 s/Div
m
MODE
2V/Div
SW
2V/Div
I
200mA/Div
coil
V
=3.6V
V
=1.8V
I
=10mA
IN
OUT
OUT
PFMMode
ForcedPWMMode
EN2V/Div
SW2V/Div
V
2V/Div
OUT
I
100mA/Div
IN
V
=3.6V
R
=10
V
=1.8V
I
intoC
MODE=GND
IN
Load
OUT
IN
IN
TimeBase-100 s/Div
m
TimeBase-2.5 s/Div
m
MODE
2V/Div
SW
2V/Div
I
COIL
200mA/Div
V
=3.6V
V
=1.8V
I
=10mA
IN
OUT
OUT
PFMMode
ForcedPWMMode
TPS62260, TPS62261
TPS62262, TPS62263
www.ti.com
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
MODE PIN TRANSITION FROM PFM
TYPICAL OPERATION (PWM Mode)
TO FORCED PWM MODE AT LIGHT LOAD
Figure 13.
Figure 14.
MODE PIN TRANSITION FROM PWM
TO PFM MODE AT LIGHT LOAD
START-UP TIMING
Figure 15.
Figure 16.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262 TI-TPS62262 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262 TI-TPS62262 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262 TI1-TPS62262 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62262-Q1 TI1-TPS62262-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62262-Q1 TI1-TPS62262-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Similar Description - TPS62262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com