Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62262 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62262 Datasheet HTML 2Page - Texas Instruments TPS62262 Datasheet HTML 3Page - Texas Instruments TPS62262 Datasheet HTML 4Page - Texas Instruments TPS62262 Datasheet HTML 5Page - Texas Instruments TPS62262 Datasheet HTML 6Page - Texas Instruments TPS62262 Datasheet HTML 7Page - Texas Instruments TPS62262 Datasheet HTML 8Page - Texas Instruments TPS62262 Datasheet HTML 9Page - Texas Instruments TPS62262 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
-OutputCurrent-mA
O
V
=2.3V
IN
V
=2.7V
IN
V
=3V
IN
V
=3.6V
IN
V
=4.5V
IN
V
=1.8V,
MODE=V ,
L =2.2 H
OUT
IN
m
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=1.8V
MODE=GND
L =2.2 H
DCR110mR
OUT
m
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
– OutputCurrent – mA
OUT
V
=3.3V
MODE=V
L =2.2 H
DCR110m
C
=10 F0603
OUT
IN
OUT
m
W
m
V
=3.6V
IN
V
=4.2V
IN
V
=4.5V
IN
V
=5V
IN
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
OUT
100
V
=4.2V
IN
V
=4.5V
IN
V
=3.6V
IN
V
=3.3V
MODE=GND
L =2.2 H
DCR=110mH
C
=10 F0603
OUT
OUT
m
m
V
=5V
IN
TPS62260, TPS62261
TPS62262, TPS62263
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Table 1. Table of Graphs (continued)
FIGURE
Figure 32
Static Drain Source On-State
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Resistance
Figure 33
EFFICIENCY (Power Save Mode)
EFFICIENCY (PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
EFFICIENCY (PWM Mode)
EFFICIENCY (Power Save Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
6
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262 TI-TPS62262 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262 TI-TPS62262 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262 TI1-TPS62262 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62262-Q1 TI1-TPS62262-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62262-Q1 TI1-TPS62262-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Similar Description - TPS62262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com