Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM56CIMM Datasheet(PDF) 9 Page - Texas Instruments

Part # LM56CIMM
Description  LM56 Dual Output Low Power Thermostat
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM56CIMM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM56CIMM Datasheet HTML 5Page - Texas Instruments LM56CIMM Datasheet HTML 6Page - Texas Instruments LM56CIMM Datasheet HTML 7Page - Texas Instruments LM56CIMM Datasheet HTML 8Page - Texas Instruments LM56CIMM Datasheet HTML 9Page - Texas Instruments LM56CIMM Datasheet HTML 10Page - Texas Instruments LM56CIMM Datasheet HTML 11Page - Texas Instruments LM56CIMM Datasheet HTML 12Page - Texas Instruments LM56CIMM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
1. VTPE = ±VT1E − VTSE + VRE
Where:
2. VT1E = ±8 mV (max)
3. VTSE = (6.20 mV/°C) x (±3°C) = ±18.6 mV
4. VRE = 1.250V x (±0.01) R2/(R1 + R2)
Using Equations from Figure 1.
VT1= 1.25V x R2/(R1 + R2) = 6.20 mV/°C)(82°C) + 395 mV
Solving for R2/(R1 + R2) = 0.7227
then,
5. VRE = 1.250V x (±0.01) R2/(R1 + R2) = (0.0125) x (0.7227) = ±9.03 mV
The individual errors do not add algebraically because, the odds of all the errors being at their extremes are rare.
This is proven by the fact the specification for the trip point accuracy stated in the LM56 Electrical Characteristics
for the temperature range of
−40°C to +125°C, for example, is specified at ±3°C for the LM56BIM. Note this trip
point error specification does not include any error introduced by the tolerance of the actual resistors used, nor
any error introduced by power supply variation.
If the resistors have a ±0.5% tolerance, an additional error of ±0.4°C will be introduced. This error will increase to
±0.8°C when both external resistors have a ±1% tolerance.
BIAS CURRENT EFFECT ON TRIP POINT ACCURACY
Bias current for the comparator inputs is 300 nA (max) each, over the specified temperature range and will not
introduce considerable error if the sum of the resistor values are kept to about 27 k
Ω as shown in the typical
application of Figure 1. This bias current of one comparator input will not flow if the temperature is well below the
trip point level. As the temperature approaches trip point level the bias current will start to flow into the resistor
network. When the temperature sensor output is equal to the trip point level the bias current will be 150 nA
(max). Once the temperature is well above the trip point level the bias current will be 300 nA (max). Therefore,
the first trip point will be affected by 150 nA of bias current. The leakage current is very small when the
comparator input transistor of the different pair is off (see Figure 15).
The effect of the bias current on the first trip point can be defined by the following equations:
(1)
where IB = 300 nA (the maximum specified error).
The effect of the bias current on the second trip point can be defined by the following equations:
(2)
where IB = 300 nA (the maximum specified error).
The closer the two trip points are to each other the more significant the error is. Worst case would be when VT1 =
VT2 = VREF/2.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM56


Similar Part No. - LM56CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56CIMM NSC-LM56CIMM Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56CIMM NSC-LM56CIMM Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56CIMM/NOPB TI1-LM56CIMM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM56CIMMX NSC-LM56CIMMX Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56CIMMX NSC-LM56CIMMX Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
More results

Similar Description - LM56CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM56 TI-LM56_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM66 NSC-LM66 Datasheet
62Kb / 5P
   Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com