Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2400G70AP Datasheet(PDF) 9 Page - Littelfuse

Part # K2400G70AP
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2400G70AP Datasheet(HTML) 9 Page - Littelfuse

Back Button K2400G70AP Datasheet HTML 4Page - Littelfuse K2400G70AP Datasheet HTML 5Page - Littelfuse K2400G70AP Datasheet HTML 6Page - Littelfuse K2400G70AP Datasheet HTML 7Page - Littelfuse K2400G70AP Datasheet HTML 8Page - Littelfuse K2400G70AP Datasheet HTML 9Page - Littelfuse K2400G70AP Datasheet HTML 10Page - Littelfuse K2400G70AP Datasheet HTML 11Page - Littelfuse K2400G70AP Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Packing Options
Part Number
Marking
Weight
Packaging Mode
Base Quantity
Kxxx0G
Kxxx0G
0.38g
Bulk
1000
Kxxx0GRP
Kxxx0G
0.38g
Reel Pack
5000
Kxxx2G
Kxxx2G
0.38g
Bulk
1000
Kxxx2GRP
Kxxx2G
0.38g
Reel Pack
5000
Kxxx0SRP
KxxS
0.1g
Reel Pack
2500
Kxxx0E70
Kxxx0E
0.17g
Bulk
2000
Kxxx0E70AP
Kxxx0E
0.17g
Ammo Pack
2000
Kxxx0E70RP2
Kxxx0E
0.17g
Reel Pack
2000
Kxxx0E70RP3
Kxxx0E
0.17g
Reel Pack
2000
Note: xxx or xx = voltage
DO-214 Embossed Carrier Reel Pack (RP) Specifications
0.472
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape


Similar Part No. - K2400G70AP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2400G TECCOR-K2400G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2400G TECCOR-K2400G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2400G LITTELFUSE-K2400G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K2400G BILIN-K2400G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K2400G SY-K2400G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
More results

Similar Description - K2400G70AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com