Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C106K3RACTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1812C106K3RACTU
Description  X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106K3RACTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C1812C106K3RACTU Datasheet HTML 4Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 5Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 6Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 7Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 8Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 9Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 10Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 11Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1002_X7R_SMD • 12/19/2013
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes) cont'd
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68 and 82)
xx1 Available only in K, M tolerance.
xx2 Available only in M tolerance.
Table 2 – Chip Thickness/Packaging Quantities
Package quantity based on finished chip thickness specifications.
Cap
Cap
Code
Case
Size /
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Voltage Code 9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
2.2 µF
225
J
K
M FJ FJ FJ FJ FG FT¹
GO GO GO¹
HF
JF JF
KD
2.7 µF
275
J
K
M FE FE FE FG FH
3.3 µF
335
J
K
M FF FF FF FM FM
3.9 µF
395
J
K
M FG FG FG FG FK
4.7 µF
475
J
K
M FC FC FC FG FS
GK GK
JF JF
5.6 µF
565
J
K
M FF FF FF FH
6.8 µF
685
J
K
M FG FG FG FM
8.2 µF
825
J
K
M FH FH FH FK
10 µF
106
J
K
M FY¹ FY¹ FY¹ FS
GK
JF JO
15 µF
156
J
K
M FM FM
JO JO
22 µF
226
J
K
M FS FS FS² FS²
JO
47 µF
476
J
K
M FS²
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code 9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Case Size
/ Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Thickness
Code
Case
Size
Thickness ±
Range (mm)
Paper Quantity
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
BB
0402
0.50 ± 0.05
10,000
50,000
0
0
CB
0603
0.80 ± 0.07
4,000
10,000
0
0
CF
0603
0.80 ± 0.07
4,000
15,000
0
0
CC
0603
0.80 ± 0.10
4,000
10,000
0
0
CD
0603
0.80 ± 0.15
4,000
10,000
0
0
DC
0805
0.78 ± 0.10
4,000
10,000
0
0
DD
0805
0.90 ± 0.10
4,000
10,000
0
0
DE
0805
1.00 ± 0.10
0
0
2,500
10,000
DG
0805
1.25 ± 0.15
0
0
2,500
10,000
DH
0805
1.25 ± 0.20
0
0
2,500
10,000
EB
1206
0.78 ± 0.10
4,000
10,000
4,000
10,000
EC
1206
0.90 ± 0.10
0
0
4,000
10,000
EN
1206
0.95 ± 0.10
0
0
4,000
10,000
ED
1206
1.00 ± 0.10
0
0
2,500
10,000
EE
1206
1.10 ± 0.10
0
0
2,500
10,000
EF
1206
1.20 ± 0.15
0
0
2,500
10,000
Thickness
Code
Case
Size
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity
Plastic Quantity
Roll Over for
Order Info.
C
1206
C
106
M
4
R
A
C
TU
Ceramic Case Size
(L"xW")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Dielectric
Failure Rate/
Design
TerminationFinish Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
C = Standard
2Significant
Digits + Number
of Zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3 V
8 = 10 V
4 = 16 V
3 = 25 V
6 = 35 V
5 = 50 V
1 = 100 V
2 = 200 V
A = 250 V
R = X7R
A = N/A
C = 100% Matte Sn Blank = Bulk
TU=7"Reel
Unmarked
TM=7"Reel
Marked


Similar Part No. - C1812C106K3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106K3RACTU KEMET-C1812C106K3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1812C106K3RACTU KEMET-C1812C106K3RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 25 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1812C106K3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com