Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2502E70RP Datasheet(PDF) 5 Page - Littelfuse

Part # K2502E70RP
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2502E70RP Datasheet(HTML) 5 Page - Littelfuse

  K2502E70RP Datasheet HTML 1Page - Littelfuse K2502E70RP Datasheet HTML 2Page - Littelfuse K2502E70RP Datasheet HTML 3Page - Littelfuse K2502E70RP Datasheet HTML 4Page - Littelfuse K2502E70RP Datasheet HTML 5Page - Littelfuse K2502E70RP Datasheet HTML 6Page - Littelfuse K2502E70RP Datasheet HTML 7Page - Littelfuse K2502E70RP Datasheet HTML 8Page - Littelfuse K2502E70RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
VDC(IN) ≥ VB0
VC
IL
RL
R
SIDAC
(a) Circuit
Rmax≤
VIN - VBO
IBO
Rmin≥
VIN - VTM
IH (MIN)
(b) Waveforms
VBO
VC
IL
t
t
C
Figure 13: Relaxation Oscillator Using a SIDAC
Figure 14: Low-voltage Input Circuit for Gas Ignition
4.7 µF
100 V
10 µF
50 V
24 V ac
60 Hz
4.7 µF
100 V
½ W
K1200E
Sidac
200 V
H.V.
Ignitor
1.2 µF
4.7 k
- +
- +
+
-
100-250 V ac
60 Hz
100-250 V ac
60 Hz
SCR
Sidac
Sidac
120 V ac
60 Hz
16 mH
3.3 k
0.47 µF
400 V
Ballast
Sidac
220 V ac
60 Hz
7.5 k
0.22 µF
Ballast
Lamp
120 V ac
220 V ac
Lamp
Figure 15: Comparison of SIDAC versus SCR for Gas
Ignitor Circuit
Figure 17:Typical High-pressure Sodium Lamp Firing Circuit
Figure 16: Xenon Lamp Flashing Circuit
- +
+
-
Xenon Lamp
K2200G
10 µF
2 W
120 V ac
60 Hz
10 µF
450 V
4 kV
0.01 µF
400 V
20 M
Sidac
200-
400 V
100
250 V
Trigger
Transformer
20:1


Similar Part No. - K2502E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2502Y LITTELFUSE-K2502Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2502Y LITTELFUSE-K2502Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2502E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com