Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

40011475 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 40011475
Description  1a/1c 10A cubic type power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

40011475 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  40011475 Datasheet HTML 1Page - Panasonic Semiconductor 40011475 Datasheet HTML 2Page - Panasonic Semiconductor 40011475 Datasheet HTML 3Page - Panasonic Semiconductor 40011475 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JS
ASCTB186E 201202-T
ORDERING INFORMATION
1a/1c 10A cubic type
power relays
JS RELAYS
VDE
RoHS compliant
FEATURES
• Miniature size with universal terminal
footprint
• High contact capacity: 10 A
• TV-5 type available (Standard type)
1 Form A type
→ TV-5
1 Form C type
→ TV-5 (N.O. side only)
• VDE, TÜV also approved
• Sealed construction for automatic
cleaning (Standard type)
• Class B and F coil insulation type
also available.
• EN60335-1 GWT compliant (Tested
by VDE) type available
• Surge voltage 6 kV type also
available
TYPICAL APPLICATIONS
1. Home appliances
Air conditioner, heater, etc.
2. Office machines
PPC, facsimile, etc.
3. Vending machines
Contact arrangement
1:
1a:
1aP:
1 Form C (Standard)
1 Form A (Standard)
1 Form A (Long endurance type)
Protective construction
Nil:
F:
Sealed type
Flux-resistant type
JS
F
Coil insulation class
Nil:
B:
F:
Class E insulation
Class B insulation
Class F insulation
Contact material
F: AgSnO2 type
Nominal coil voltage (DC)
5V, 6V, 9V, 12V, 18V, 24V, 48V
Flame resistance and tracking resistance
Nil:
T:
Surge voltage
6K: 6kV type
EN60335-1 (Conform)
Standard: UL, CSA, VDE, TÜV (Standard type)
UL, CSA, VDE (Long endurance type and EN60335-1 GWT compliant type)
UL, CSA (Surge voltage 6kV type)
Notes: 1. When ordering TV rated (TV-5) types, please consult us.
2. Contact arrangement 1aP type is Flux-resistant type only (Class B insulation only).


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn