Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C106J3RACTU Datasheet(PDF) 11 Page - Kemet Corporation

Part # C1206C106J3RACTU
Description  X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C106J3RACTU Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C1206C106J3RACTU Datasheet HTML 7Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 8Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 9Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 10Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 11Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 12Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 13Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 14Page - Kemet Corporation C1206C106J3RACTU Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1002_X7R_SMD • 12/19/2013 11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
TerminalStrength
JIS–C–6429
Appendix1,Note:Forceof1.8kgfor60seconds.
Board Flex
JIS–C–6429
Appendix2,Note:Standardterminationsystem–2.0mm(minimum)forallexcept3mmforC0G.
Flexible termination system – 3.0 mm (minimum).
Solderability
J–STD–002
Magnification50X.Conditions:
a)MethodB,4hours@155°C,dryheat@235°C
b)MethodB@215°Ccategory3
c)MethodD,category3@260°C
Temperature Cycling
JESD22MethodJA–104
1,000Cycles(-55°Cto+125°C).Measurementat24hours+/-2hoursaftertestconclusion.
Biased Humidity
MIL–STD–202Method103
LoadHumidity:1,000hours85°C/85%RHandratedvoltage.Add100Kohmresistor.Measurement
at24hours+/-2hoursaftertestconclusion.
LowVoltHumidity:1,000hours85°C/85%RHand1.5V.Add100Kohmresistor.
Measurementat24hours+/-2hoursaftertestconclusion.
Moisture Resistance
MIL–STD–202Method106 t=24hours/cycle.Steps7aand7bnotrequired.Unpowered.
Measurementat24hours+/-2hoursaftertestconclusion.
ThermalShock
MIL–STD–202Method107 -55°C/+125°C.Note:Numberofcyclesrequired–300,maximumtransfertime–20seconds,dwell
time – 15 minutes. Air – Air.
HighTemperatureLife
MIL–STD–202Method108
/EIA–198
1,000hoursat125°C(85°CforX5R,Z5UandY5V)with2Xratedvoltageapplied.
StorageLife
MIL–STD–202Method108 150°C,0VDCfor1,000hours.
Vibration
MIL–STD–202Method204
5g'sfor20min.,12cycleseachof3orientations.Note:Use8"X5"PCB0.031"thick7secure
pointsononelongsideand2securepointsatcornersofoppositesides.Partsmountedwithin2"
from any secure point. Test from 10 – 2,000 Hz
MechanicalShock
MIL–STD–202Method213 Figure1ofMethod213,ConditionF.
Resistance to Solvents MIL–STD–202Method215 Addaqueouswashchemical,OKEMCleanorequivalent.
Storage & Handling
Ceramicchipcapacitorsshouldbestoredinnormalworkingenvironments.Whilethechipsthemselvesarequiterobustinother
environments,solderabilitywillbedegradedbyexposuretohightemperatures,highhumidity,corrosiveatmospheres,andlongterm
storage.Inaddition,packagingmaterialswillbedegradedbyhightemperature–reelsmaysoftenorwarpandtapepeelforcemay
increase.KEMETrecommendsthatmaximumstoragetemperaturenotexceed40ºCandmaximumstoragehumiditynotexceed70%
relativehumidity.Temperaturefluctuationsshouldbeminimizedtoavoidcondensationonthepartsandatmospheresshouldbefreeof
chlorineandsulfurbearingcompounds.Foroptimizedsolderabilitychipstockshouldbeusedpromptly,preferablywithin1.5yearsof
receipt.


Similar Part No. - C1206C106J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C106J3RACTU KEMET-C1206C106J3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C1206C106J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com