Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV111-1217A-A1502 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTV111-1217A-A1502
Description  12 mm Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV111-1217A-A1502 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTV111-1217A-A1502 Datasheet HTML 1Page - Bourns Electronic Solutions PTV111-1217A-A1502 Datasheet HTML 2Page - Bourns Electronic Solutions PTV111-1217A-A1502 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Carbon element
Insulated shaft
Snap-in clip
Center detent
Center tap option
Assorted pin layouts
Dual gang option
Various taper options
PTV/PTT Series - 12 mm Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance ................. 1 % max.
Environmental Characteristics
Operating Temperature
.................................-10 °C to +50 °C
Power Rating ............................ 0.05 Watt
Maximum Operating Voltage
............................... 50 V AC, 20 V DC
Sliding Noise ...................... 100 mV max.
Mechanical Characteristics
Mechanical Angle .....................300 ° ±5 °
Rotational Torque ............ 20 to 200 g-cm
Detent Torque .................. 30 to 300 g-cm
Stop Strength
no bushing .................... 3 kg-cm min.
with bushing.................. 3 kg-cm min.
Rotational Life ................... 15,000 cycles
Soldering Condition
............300 °C max. within 3 seconds
Hardware ................. One flat washer and
mounting nut supplied per
potentiometer with bushing
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Electrical Diagrams
12
3
MODEL PTV 111
MODEL PTV 112
MODEL PTT 111
DUMMY
4
12
3
4
21
1
2
3
3
PTV111-2
L
F
30
°
DIA. HOLES 4 PLCS.
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
0.5
(.019)
2.6
(.102)
10.0
(.393)
2.0
(.078)
6.1
(.240)
3.5
(.137)
8.1
(.318)
0.5
(.019)
1.5
(.059)
1.6
(.062)
9.4
(.370)
6.7
(.263)
11.0
(.433)
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
3.3
(.129)
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
12.0
(.472)
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
1
2
3
4
10.2
(.401)
2.0
+0.1
-0.0
(.078
)
+0.003
-0.0
4.0
(.157)
PTV111-4
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
3.5
(.137)
2.0
± 0.15
(.078
± .005)
L
F
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
0.5
(.019)
0.5
(.019)
1.5
(.059)
30
°
6.7
(.263)
11.0
(.433)
12.0
(.472)
8.5
(.334)
10.0
(.393)
11.0
(.433)
3.8
(.150)
TERMINAL DETAIL
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
DIA. HOLES 4 PLCS.
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
1
2
3
4
13.6
(.535)
2.0 -0.0
(.078
)
+0.003
-0.0
11.0
(.433)
Dimensions Without Bushing
L
15
(.591)
20
(.787)
22.5
(.886)
25
(.984)
27.5
(1.083)
F
4.5
(.177)
7
(.276)
7
(.276)
12
(.472)
12
(.472)


Similar Part No. - PTV111-1217A-A1502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV111-1215A-A104 BOURNS-PTV111-1215A-A104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-1215A-B104 BOURNS-PTV111-1215A-B104 Datasheet
112Kb / 2P
   11mm Potentiometer
More results

Similar Description - PTV111-1217A-A1502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
6537 BOURNS-6537 Datasheet
161Kb / 1P
   22 mm Precision Potentiometer
PRS11S BOURNS-PRS11S Datasheet
317Kb / 3P
   11 mm SMD Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
   16 mm Motorized Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com