Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ800R12KL4C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FZ800R12KL4C
Description  Technische Information / Technical Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FZ800R12KL4C Datasheet(HTML) 4 Page - Infineon Technologies AG

  FZ800R12KL4C Datasheet HTML 1Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 2Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 3Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 4Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 5Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 6Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 7Page - Infineon Technologies AG FZ800R12KL4C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TechnischeInformation/TechnicalInformation
FZ800R12KL4C
IGBT-Module
IGBT-modules
preparedby:DTS
approvedby:TS
dateofpublication:2013-10-02
revision:3.1
AusgangskennlinieIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
0
200
400
600
800
1000
1200
1400
1600
Tvj = 25°C
Tvj = 125°C
AusgangskennlinienfeldIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
Tvj=125°C
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
200
400
600
800
1000
1200
1400
1600
VGE = 17 V
VGE = 15 V
VGE = 13 V
VGE = 11 V
VGE = 9 V
VGE = 7 V
ÜbertragungscharakteristikIGBT,Wechselrichter(typisch)
transfercharacteristicIGBT,Inverter(typical)
IC=f(VGE)
VCE=20V
VGE [V]
5
6
7
8
9
10
11
12
0
200
400
600
800
1000
1200
1400
1600
Tvj = 25°C
Tvj = 125°C
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(IC),Eoff=f(IC)
VGE=±15V,RGon=1.8
Ω,RGoff=1.8Ω,VCE=600V
IC [A]
0
200
400
600
800
1000 1200 1400 1600
0
50
100
150
200
250
300
350
Eon, Tvj = 125°C
Eoff, Tvj = 125°C


Similar Part No. - FZ800R12KL4C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ800R12KE3 INFINEON-FZ800R12KE3 Datasheet
1Mb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode
2009-08-11 revision:3.0
logo
List of Unclassifed Man...
FZ800R12KS4 ETC1-FZ800R12KS4 Datasheet
101Kb / 9P
   IGBT-Module
logo
eupec GmbH
FZ800R12KS4_B2 EUPEC-FZ800R12KS4_B2 Datasheet
258Kb / 8P
   High Power Module with AlSiC base plate and short tail IGBT2 for high switching frequency
More results

Similar Description - FZ800R12KL4C

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
   Technische Information / technical information
logo
Infineon Technologies A...
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
   Technische Information / Technical Information
2013-07-29 revision:3.0
logo
eupec GmbH
FS300R12KE3 EUPEC-FS300R12KE3 Datasheet
249Kb / 8P
   Technische Information / technical information
FF800R12KE3 EUPEC-FF800R12KE3 Datasheet
146Kb / 9P
   Technische Information / technical information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com