Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXPT12200 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # FXPT12200
Description  FXP FlexiPlug짰 HYBRID PLUGGABLE BLOCK Screw/Pressure-Plate Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

FXPT12200 Datasheet(HTML) 2 Page - Amphenol Corporation

  FXPT12200 Datasheet HTML 1Page - Amphenol Corporation FXPT12200 Datasheet HTML 2Page - Amphenol Corporation FXPT12200 Datasheet HTML 3Page - Amphenol Corporation FXPT12200 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Amphenol Pcd • 2 Technology Drive • Peabody, MA 01960 • www.amphenolpcd.com • 800.333.4723 • info@amphenolpcd.com
FXP FlexiPlug® HYBRID PLUGGABLE BLOCK
Screw/Pressure-Plate Termination
43
.200" (5.08mm)
Amphenol Pcd
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
Even Configuration
2
FXPT02200
FXPT022G0
.670
4
FXPT04200
FXPT042G0 1.070
6
FXPT06200
FXPT062G0 1.470
8
FXPT08200
FXPT082G0 1.870
10 FXPT10200
FXPT102G0 2.270
12 FXPT12200
FXPT122G0 2.670
14 FXPT14200
FXPT142G0 3.070
16 FXPT16200
FXPT162G0 3.470
18 FXPT18200
FXPT182G0 3.870
20 FXPT20200
FXPT202G0 4.270
22 FXPT22200
FXPT222G0 4.670
24 FXPT24200
FXPT242G0 5.070
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
Uneven Configuration
3
FXPT03200
FXPT032G0 0.870
5
FXPT05200
FXPT052G0 1.270
7
FXPT07200
FXPT072G0 1.670
9
FXPT09200
FXPT092G0 2.070
11 FXPT11200
FXPT112G0 2.470
13 FXPT13200
FXPT132G0 2.870
15 FXPT15200
FXPT152G0 3.270
17 FXPT17200
FXPT172G0 3.670
19 FXPT19200
FXPT192G0 4.070
21 FXPT21200
FXPT212G0 4.470
23 FXPT23200
FXPT232G0 4.870
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
Even Configuration w/ Ears
2 FXPT02200E FXPT022G0E
.840
4 FXPT04200E FXPT042G0E 1.240
6 FXPT06200E FXPT062G0E 1.640
8 FXPT08200E FXPT082G0E 2.040
10 FXPT10200E FXPT102G0E 2.440
12 FXPT12200E FXPT122G0E 2.840
14 FXPT14200E FXPT142G0E 3.240
16 FXPT16200E FXPT162G0E 3.640
18 FXPT18200E FXPT182G0E 4.040
20 FXPT20200E FXPT202G0E 4.440
22 FXPT22200E FXPT222G0E 4.840
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
Uneven Configuration w/ Ears
3 FXPT03200E FXPT032G0E 1.040
5 FXPT05200E FXPT052G0E 1.440
7 FXPT07200E FXPT072G0E 1.840
9 FXPT09200E FXPT092G0E 2.240
11 FXPT11200E FXPT112G0E 2.640
13 FXPT13200E FXPT132G0E 3.040
15 FXPT15200E FXPT152G0E 3.440
17 FXPT17200E FXPT172G0E 3.840
19 FXPT19200E FXPT192G0E 4.240
21 FXPT21200E FXPT212G0E 4.640
APPROVALS:
Consult factory for specific product recognitions
MATERIALS:
Housing: PPO, UL 94V-0, Black or green
Contact: Phosphor bronze, optional finish
SEM Screw: M3, Steel, nickel finish
INSTALLATION:
Wire Range: 12-26 AWG
Wire Strip Length: .250"
Recommended Tightening Torque:
12 lb-in. (1.35N-m)
Screwdriver: #2 Phillips, 1/4" blade
SPECIFICATIONS:
Current Rating: 15A
Operating Voltage: 300V
Insulation Resistance: >10
5 Megohms
Dielectric Withstanding: <3000V
Wire Pullout Force:
Per UL 486E, Section 14
FXP Even Pos #
FXP Uneven Pos #
FXP Even Pos # w/ Ears
FXP Uneven Pos # w/ Ears


Similar Part No. - FXPT12200

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
More results

Similar Description - FXPT12200

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
   Pluggable Screw Terminal Block 180쨘 Wire Entry
logo
PHOENIX CONTACT
3050044 PHOENIX-3050044 Datasheet
1Mb / 3P
   Quick Connection Screw Hybrid Terminal Block QTCU
logo
Kemet Corporation
S301RE657R2R7W KEMET-S301RE657R2R7W Datasheet
411Kb / 8P
   Screw Termination
logo
PHOENIX CONTACT
3050264 PHOENIX-3050264 Datasheet
162Kb / 16P
   Fast connection screw hybrid terminal block - QTTCBU 1.5
logo
FIBOX Enclosing innovat...
3730792 FIBOX-3730792 Datasheet
38Kb / 1P
   Front plate screw
31.07.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com