Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EHHD006A0B41Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EHHD006A0B41Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
10
AMBIENT TEMEPERATURE, TA (
oC)
Figure 18. Output Current Derating for the Module
with Heat plate; Airflow in the Transverse
Direction from Vout(-) to Vout(+);VIN =24V.
Please refer to the Application Note ‘Thermal
Characterization Process For Open-Frame Board-
Mounted Power Modules’ for a detailed discussion of
thermal aspects including maximum device
temperatures.
Heat Transfer via Conduction
The module can also be used in a sealed
environment with cooling via conduction from the
module’s top surface through a gap pad material to a
cold wall, as shown in Figure 19. This capability is
achieved by insuring the top side component skyline
profile achieves no more than 1mm height difference
between the tallest and the shortest power train part
that benefits from contact with the gap pad material.
The output current derating versus cold wall
temperature, when using a gap pad such as Bergquist
GP2500S20, is shown in Figure 20.
Figure 19. Cold Wall Mounting
COLDPLATE TEMEPERATURE, TC (
oC)
Figure 20. Derated Output Current versus Cold
Wall Temperature with Local Ambient
Temperature Around Module at 85C; VIN =24V or
48V.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant through-hole products use the
SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant
components. They are designed to be processed
through single or dual wave soldering machines. The
pins have a RoHS-compliant finish that is compatible
with both Pb and Pb-free wave soldering processes.
A maximum preheat rate of 3
C/s is suggested. The
wave preheat process should be such that the
temperature of the power module board is kept below
210
C. For Pb solder, the recommended pot
temperature is 260
C, while the Pb-free solder pot is
270
C max. Not all RoHS-compliant through-hole
products can be processed with paste-through-hole
Pb or Pb-free reflow process. If additional information
is needed, please consult with your Lineage Power
representative for more details.
Surface Mount Information
Pick and Place
The EHHD006A0B modules use an open frame
construction and are designed for a fully automated
assembly process. The modules are fitted with a
label designed to provide a large surface area for pick
and place operations. The label meets all the
requirements for surface mount processing, as well as
safety standards, and is able to withstand reflow
temperatures of up to 300
oC. The label also carries
product information such as product code, serial
number and the location of manufacture.
Figure 21. Pick and Place Location.
Nozzle Recommendations
The module weight has been kept to a minimum by
using open frame construction. Even so, these
modules have a relatively large mass when compared
to conventional SMT components. Variables such as
nozzle size, tip style, vacuum pressure and placement
speed should be considered to optimize this process.
The minimum recommended nozzle diameter for
reliable operation is 6mm. The maximum nozzle outer
diameter, which will safely fit within the allowable
component spacing, is 9 mm.
Oblong or oval nozzles up to 11 x 9 mm may also be
used within the space available.
Reflow Soldering Information
The surface mountable modules in the EHHD family
use our newest SMT technology called “Column Pin”


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn