Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EHHD006A0B41Z Datasheet(PDF) 1 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EHHD006A0B41Z Datasheet(HTML) 1 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
18 - 75Vdc Input; 12V/6Adc Output
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-user equipment . All of the required procedures of end-use equipment should be followed.
¤ IEEE and 802 are registered trademarks of the Institute of Electrical and Electronics Engineers, Incorporated.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS09-012 ver. 1.03
PDF name: EHHD006A0B.pdf
Hammerhead Series™
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Flat and high-efficiency curve
Industry standard, DOSA compliant footprint
57.9mm x 22.8mm x 7.6mm
(2.28 in x 0.9 in x 0.30 in)
Low-profile height and reduced component skyline
Ultra-wide input voltage range: 18-75 Vdc
Tightly regulated output
Remote sense
Output voltage adjust: 90% to 110% of VO,nom
Constant switching frequency
Positive remote On/Off logic
Input under/overvoltage protection
Output overcurrent and overvoltage protection
Overtemperature protection
No reverse current during output shutdown
Wide operating temperature range (-40°C to 85°C)
Suitable for cold wall cooling using suitable Gap
Pad applied directly to top side of module
UL*Recognized to UL60950-1, CAN/CSA
C22.2
No.60950-1, and EN60950-1(
VDE 0805-1)
Licensed
CE mark meets 2006/95/EC directive
§
Meets the voltage and current requirements for
ETSI 300-132-2 and complies with and licensed for
basic insulation rating per EN60950-1
2250 Vdc Isolation tested in compliance with IEEE
802.3
¤ PoE standards
ISO
**9001 and ISO 14001 certified manufacturing
facilities
Applications
Distributed Power Architectures
Wireless Networks
Access and Optical Network Equipment
Industrial Equipment
Options
Negative Remote On/Off logic (preferred)
Overcurrent/Overtemperature/Overvoltage
protections (Auto-restart) (preferred)
Heat plate version (-H)
Surface Mount version (-S)
Description
The EHHD006A0B [Hammerhead™] Series, eighth-brick, low-height power modules are isolated DC-DC converters
that provide a single, precisely regulated output voltage over an ultra-wide input voltage range of 18-75Vdc. The
EHHD006A0B provides 12Vdc nominal output voltage rated for 6Adc output current. The module incorporates Lineage
Power’s vast heritage for reliability and quality, while also using the latest in technology and component and process
standardization to achieve highly competitive cost. The open frame module construction, available in both surface
mount and through-hole packaging, enables designers to develop cost and space efficient solutions. The module
achieves typical full load efficiency greater than 92% at VIN=24Vdc and greater than 90% at VIN=48Vdc. Standard
features include remote On/Off, remote sense, output voltage adjustment, overvoltage, overcurrent and
overtemperature protection. An optional heat plate allows for external standard, eighth-brick heat sink attachment to
achieve higher output current in high temperature applications.
RoHS Compliant


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn