Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EHHD006A0B41Z Datasheet(PDF) 5 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EHHD006A0B41Z Datasheet(HTML) 5 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
5
Characteristic Curves
The following figures provide typical characteristics for the EHHD006A0B (12.0V, 6A) at 25
oC. The figures are
identical for either positive or negative remote On/Off logic.
OUTPUT CURRENT, IO (A)
TIME, t (200µs/div)
Figure 1. Converter Efficiency versus Output Current.
Figure 4. Transient Response to 0.1A/µS Dynamic
Load Change from 50% to 75% to 50% of full load,
Vin=48V, CO>100μF.
TIME, t (2
s/div)
TIME, t (10ms/div)
Figure 2. Typical output ripple and noise (Io = Io,max).
Figure 5. Typical Start-up Using Remote On/Off,
negative logic version shown (VIN = 24V or 48V, Io =
Io,max).
TIME, t (200µs/div)
TIME, t (10ms/div)
Figure 3. Transient Response to 0.1A/µS Dynamic
Load Change from 50% to 75% to 50% of full load,
Vin=24V, CO>100μF.
Figure 6. Typical Start-up Using Input Voltage (VIN =
24V, Io = Io,max).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn