Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EHHD006A0B41Z Datasheet(PDF) 3 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EHHD006A0B41Z Datasheet(HTML) 3 Page - Lineage Power Corporation

  EHHD006A0B41Z Datasheet HTML 1Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 2Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 3Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 4Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 5Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 6Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 7Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 8Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Nominal Output Voltage Set-point
All
VO, set
11.80
12.00
12.24
Vdc
VIN= 24V to 48V IO=IO, max, TA=25°C)
Output Voltage
All
VO
11.64
12.36
Vdc
(Overall operating input voltage, resistive load, and
temperature conditions until end of life)
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
±0.2
% VO, set
Load (IO=IO, min to IO, max)
All
±0.2
% VO, set
Temperature (Tref=TA, min to TA, max)
All
±1.0
% VO, set
Output Ripple and Noise
(VIN=VIN, min to VIN, max, IO= IO, max , TA=TA, min to TA, max)
RMS (5Hz to 20MHz bandwidth)
All
25
50
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
75
200
mVpk-pk
External Capacitance
All
CO, max
0
2,000
μF
Output Current
All
IO
0
6
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
6.6
7.8
9.0
Adc
(VO= 90% of VO, set)
Output Short-Circuit Current
All
IO, s/c
5
Arms
(VO≤250mV) ( Hiccup Mode )
Efficiency
VIN=24V, TA=25°C, IO=3A, VO = 12V
All
η
90.0
%
VIN=24V, TA=25°C, IO=6A, VO = 12V
All
η
92.5
%
VIN=48V, TA=25°C, IO=3A, VO = 12V
All
η
90.0
%
VIN=48V, TA=25°C, IO=6A, VO = 12V
All
η
90.5
%
Switching Frequency
All
fsw
280
kHz
Dynamic Load Response
(dIo/dt=0.1A/s; VIN = 24V or 48V; TA=25°C;
CO>100μF)
Load Change from Io= 50% to 75% or 25% to 50% of
Io,max
Peak Deviation
All
Vpk
3
% VO, set
Settling Time (Vo<10% peak deviation)
All
ts
200
s
Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
Ciso
1000
pF
Isolation Resistance
All
Riso
100
MΩ
I/O Isolation Voltage (100% factory Hi-pot tested)
All
All
2250
Vdc
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-332
Issue 2: Method I Case 3 (IO=80%IO, max, TA=40°C,
airflow = 200 lfm, 90% confidence)
All
FIT
381.7
10
9/Hours
All
MTBF
2,619,994
Hours
Weight (Open Frame)
All
19 (0.7)
g (oz.)
Weight (with Heat Plate)
All
30 (1.1)
g (oz.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn