Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EHHD006A0B41Z Datasheet(PDF) 18 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EHHD006A0B41Z Datasheet(HTML) 18 Page - Lineage Power Corporation

Back Button EHHD006A0B41Z Datasheet HTML 11Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 12Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 13Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 14Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 15Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 16Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 17Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 18Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 19Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
18
Packaging Details
The surface mount versions of the EHHD006A0B (suffix
–S) are supplied as standard in the plastic trays shown
in Figure 27.
Tray Specification
Material
Antistatic coated PVC
Max surface resistivity
10
12/sq
Color
Clear
Capacity
12 power modules
Min order quantity
48 pcs (1 box of 4 full trays
+ 1 empty top tray)
Each tray contains a total of 12 power modules. The
trays are self-stacking and each shipping box for the
EHHD006A0B (suffix –S) surface mount module
contains 4 full trays plus one empty hold-down tray
giving a total number of 48 power modules.
Figure 27. Surface Mount Packaging Tray


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn