Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EHHD006A0B41Z Datasheet(PDF) 17 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EHHD006A0B41Z Datasheet(HTML) 17 Page - Lineage Power Corporation

Back Button EHHD006A0B41Z Datasheet HTML 11Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 12Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 13Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 14Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 15Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 16Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 17Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 18Page - Lineage Power Corporation EHHD006A0B41Z Datasheet HTML 19Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
17
Recommended Pad Layout
Dimensions are in millimeters and [inches].
Tolerances: x.x mm
 0.5 mm [x.xx in.  0.02 in.] (unless otherwise indicated)
x.xx mm
 0.25 mm [x.xxx in  0.010 in.]
Pin
Function
1
Vi(+)
2
ON/OFF
3
Vi(-)
4
Vo(-)
5
SENSE(-)
6
TRIM
7
SENSE(+)
8
Vo(+)
SMT Recommended Pad Layout (Component Side View)
Pin
Function
1
Vi(+)
2
ON/OFF
3
Vi(-)
4
Vo(-)
5
SENSE(-)
6
TRIM
7
SENSE(+)
8
Vo(+)
NOTES: FOR 0.030” X 0.025” RECTANGULAR PIN, USE 0.050” PLATED THROUGH-HOLE DIAMETER
FOR 0.62 DIA” PIN, USE 0.076” PLATED THROUGH-HOLE DIAMETER
TH Recommended Pad Layout (Component Side View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn