Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EHHD006A0B41Z Datasheet(PDF) 15 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EHHD006A0B41Z Datasheet(HTML) 15 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
15
Mechanical Outline for Surface Mount Module (-S Option)
Dimensions are in millimeters and [inches].
Tolerances: x.x mm
 0.5 mm [x.xx in.  0.02 in.] (unless otherwise indicated)
x.xx mm
 0.25 mm [x.xxx in  0.010 in.]
* Top side label includes Lineage Power name, product designation and date code.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn