Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EHHD006A0B41Z Datasheet(PDF) 13 Page - Lineage Power Corporation

Part No. EHHD006A0B41Z
Description  EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo 

EHHD006A0B41Z Datasheet(HTML) 13 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
August 29, 2011
EHHD006A0B Series Eighth-Brick Power Modules
18 - 75Vdc Input; 12V/6Adc Output
LINEAGE POWER
13
EMC Considerations
The circuit and plots in Figure 26 shows a suggested configuration to meet the conducted emission limits of EN55022
Class B.
Figure 26. EMC Considerations
For further information on designing for EMC compliance, please refer to the FLT007A0 data sheet (DS05-028).
VIN = 48V, Io = Io,max, L Line
VIN = 48V, Io = Io,max, N Line


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn