Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB181-B720P-103A1 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PDB181-B720P-103A1
Description  17 mm Rotary Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB181-B720P-103A1 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PDB181-B720P-103A1 Datasheet HTML 1Page - Bourns Electronic Solutions PDB181-B720P-103A1 Datasheet HTML 2Page - Bourns Electronic Solutions PDB181-B720P-103A1 Datasheet HTML 3Page - Bourns Electronic Solutions PDB181-B720P-103A1 Datasheet HTML 4Page - Bourns Electronic Solutions PDB181-B720P-103A1 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PDB18 Series - 17 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
L
6.5
(.255)
2.0
(.078)
2.0
(.078)
6.0
(.236)
1.0
(.039)
16.5
(.649)
13.2
(.519)
7.8
(.307)
1.2
(.047)
2.8
(.110)
4.0
(.157)
5.0
(.196)
5.0
(.196)
16.5
(.649)
3.5
(.137)
3.5
(.137)
9.5
(.370)
DIA.
17.0
(.669)
DIA.
A
DIA.
18 TEETH
KNURL
M7 x P0.75
30
°
SHAFT SHOWN IN CCW POSITION
1
2
3
L
6.5
(.255)
3.8
(.149)
5.0
(.196)
8.4
(.330)
1.2
(.047)
2.8
(.110)
1.0
(.039)
12.5
(.492)
4.0
(.157)
5.0
(.196)
5.0
(.196)
17.0
(.669)
1.0
(.039)
6.0
(.236)
11.5
(.452)
2.0
(.078)
2.0
(.078)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
R2
R1
DIA.
30
°
6 PLCS.
SHAFT SHOWN IN CCW POSITION
1
2
3
7.8
(.307)
1.2
(.047)
2.8
(.110)
1.0
(.039)
23.0
(.906)
3.5
(.138)
5.0
(.196)
5.0
(.196)
17.0
(.669)
L ± 0.5
6.5
(.255)
2.0
(.078)
11.5
(.452)
F
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
M7 x P0.75
3.5
(.138)
R1
R2
6.0
(.236)
DIA.
30
° ± 10 °
9.0
(.354)
SHAFT SHOWN IN CCW POSITION
2
2’
1
R1
R2
3
1’
3’
2.5
(.098)
SCHEMATIC
1
2
3


Similar Part No. - PDB181-B720P-103A1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB181-K425K-103A1 BOURNS-PDB181-K425K-103A1 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
More results

Similar Description - PDB181-B720P-103A1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
   17 mm Rotary Potentiometer w/Push-Pull Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com