Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR0805-221K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR0805-221K
Description  Shielded Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR0805-221K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR0805-221K Datasheet HTML 1Page - Bourns Electronic Solutions SRR0805-221K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRR0805 Series - Shielded Power Inductor
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Available in E12 series
Low profile - 4.7 mm unit height
High current
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
TYP.
8.0 ± 0.2
(.315 ± .008)
10.5 ± 0.3
(.413 ± .012)
2.1
(.082)
MAX.
4.7
(.185)
TYP.
6.0
(.236)
TYP.
2.0
(.079)
General Specifications
Test Voltage........................................1 V
Reflow soldering.....250 °C; 10 sec max.
(In compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
............................260 °C, 10 sec. max.
Materials
Core ...................................Ferrite DR&RI
Wire .............................Enameled copper
Base ......................................LCP E4008
Terminal.....................................Cu/Ni/Sn
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise
......................40 °C max. at rated Irms
Packaging...................1000 pcs. per reel
2.5
(.099)
2.2
(.086)
5.7
(.224)
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SRR0805 - 2R2M
2.2
± 20
18
7.96M
75.0
0.040
2.50
4.90
SRR0805 - 3R9M
3.9
± 20
20
7.96M
50.0
0.055
2.10
3.70
SRR0805 - 5R6M
5.6
± 20
20
7.96M
40.0
0.065
1.95
3.20
SRR0805 - 8R2M
8.2
± 20
19
7.96M
32.0
0.080
1.75
2.50
SRR0805 - 100M
10
± 20
40
2.52M
28.0
0.100
1.50
2.20
SRR0805 - 120M
12
± 20
40
2.52M
24.0
0.120
1.40
2.10
SRR0805 - 150M
15
± 20
40
2.52M
22.0
0.140
1.30
1.80
SRR0805 - 180Y
18
± 15
40
2.52M
19.0
0.160
1.20
1.70
SRR0805 - 220Y
22
± 15
38
2.52M
19.0
0.180
1.10
1.50
SRR0805 - 270Y
27
± 15
35
2.52M
15.5
0.200
1.00
1.40
SRR0805 - 330Y
33
± 15
40
2.52M
13.5
0.240
0.92
1.20
SRR0805 - 390Y
39
± 15
35
2.52M
12.0
0.260
0.84
1.10
SRR0805 - 470Y
47
± 15
32
2.52M
10.5
0.280
0.75
1.00
SRR0805 - 560K
56
± 10
30
2.52M
9.5
0.380
0.68
0.95
SRR0805 - 680K
68
± 10
28
2.52M
9.0
0.440
0.60
0.90
SRR0805 - 820K
82
± 10
28
2.52M
8.5
0.550
0.54
0.74
SRR0805 - 101K
100
± 10
45
0.796M
7.5
0.600
0.50
0.70
SRR0805 - 121K
120
± 10
42
0.796M
7.0
0.750
0.45
0.66
SRR0805 - 151K
150
± 10
39
0.796M
6.5
0.90
0.40
0.64
SRR0805 - 181K
180
± 10
41
0.796M
4.8
1.05
0.35
0.62
SRR0805 - 221K
220
± 10
38
0.796M
4.5
1.18
0.30
0.55
SRR0805 - 271K
270
± 10
37
0.796M
4.2
1.40
0.27
0.45
SRR0805 - 331K
330
± 10
36
0.796M
3.8
1.80
0.24
0.38
SRR0805 - 471K
470
± 10
34
0.796M
3.5
2.25
0.20
0.35
SRR0805 - 561K
560
± 10
32
0.796M
3.0
3.00
0.18
0.34
SRR0805 - 681K
680
± 10
32
0.796M
2.8
3.40
0.17
0.32
SRR0805 - 821K
820
± 10
35
0.796M
2.5
4.00
0.16
0.29
SRR0805 - 102K
1000
± 10
35
0.252M
2.2
5.00
0.15
0.24
DIMENSIONS:
MM
(INCHES)
Soldering Profile
0
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
<1> Max. of 10 seconds at 250 °C
217 °C
<1> 250 °C
190 °C
60-150
seconds
120 - 150 seconds
10 seconds min.
Ramp up
3 °/second maximum
Ramp down
6 °/second maximum


Similar Part No. - SRR0805-221K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR0805-221K BOURNS-SRR0805-221K Datasheet
188Kb / 2P
   Shielded Power Inductor
More results

Similar Description - SRR0805-221K

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com