Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5144MTH1R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5144MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5144MTH1R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5144MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers 5144MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
A-30
APEM
www.apem.com
5000 series
Toggle switches - solder lug terminals
Threaded bushing Ø 11,9 (15/32) : 5600M
A
Four pole
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
11-12
10-11
5666M
ON
-
ON
5669M
ON
OFF
ON
5667M
MOM OFF MOM
5668M
ON
OFF MOM
5662M
ON
- MOM
5664M*
ON
ON
ON
5664M 1R*
ON
ON MOM
5664M 2R*
MOM ON MOM
PANEL CUT
-OUT
Standard
With K sealing option
*Function 4 : DP in 4P case - specify CT or TH connections, see end of catalogue.
Keyway
OTHER : M bushing can be combined with other types such as : 5200, Z, MIWR... Consult factory.
(.377)
(.200)
(.492 DIA)
(.137 DIA)
Ø12.50
9.60
Ø3.50
5.10
Ø12.50
(.492 DIA)
Ø11.9-32UNS
(15/32-32UNS)
12.10
(.476)
11.90
17.50
(.688)
(.468)
3.70
(.145)
21.20
(.834)
I
II
III
1
2
3
12
11
10


Similar Part No. - 5144MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5144MTH1R ETC2-5144MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5144MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com