Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN283E-2-06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN283E-2-06
Description  Compact Filtered Power Entry Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN283E-2-06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN283E-2-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products > FN 280
*
Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
**
Filters are delivered without fuse.
Filter selection table
FN 281-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
1
90
FN 281-2-06
2 (2.4)
373
2
220
2.2
1000
-06
1
90
FN 281-4-06
4 (4.8)
373
1
220
2.2
1000
-06
1
90
FN 281-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
1
90
FN 281-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
1
90
FN 282-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
2
90
FN 282-2-06
2 (2.4)
373
2
220
2.2
1000
-06
2
90
FN 282-4-06
4 (4.8)
373
1
220
2.2
1000
-06
2
90
FN 282-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
2
90
FN 282-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
2
90
FN 283-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
1
90
FN 283-2-06
2 (2.4)
373
2
220
2.2
1000
-06
1
90
FN 283-4-06
4 (4.8)
373
1
220
2.2
1000
-06
1
90
FN 283-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
1
90
FN 283-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
1
90
FN 284-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
2
90
FN 284-2-06
2 (2.4)
373
2
220
2.2
1000
-06
2
90
FN 284-4-06
4 (4.8)
373
1
220
2.2
1000
-06
2
90
FN 284-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
2
90
FN 284-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
2
90
FN 285-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
1
90
FN 285-2-06
2 (2.4)
373
2
220
2.2
1000
-06
1
90
FN 285-4-06
4 (4.8)
373
1
220
2.2
1000
-06
1
90
FN 285-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
1
90
FN 285-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
1
90
FN 286-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
2
90
FN 286-2-06
2 (2.4)
373
2
220
2.2
1000
-06
2
90
FN 286-4-06
4 (4.8)
373
1
220
2.2
1000
-06
2
90
FN 286-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
2
90
FN 286-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
2
90
FN 283E-1-06
1 (1.2)
373
7.5
0.4
220
2.2
1000
-06
1
100
FN 283E-2-06
2 (2.4)
373
2
0.4
220
2.2
1000
-06
1
100
FN 283E-4-06
4 (4.8)
373
1
0.4
220
2.2
1000
-06
1
100
FN 283E-6-06
6 (7.2)
373
0.45
0.4
220
2.2
1000
-06
1
100
FN 284E-1-06
1 (1.2)
373
7.5
0.4
220
2.2
1000
-06
2
100
FN 284E-2-06
2 (2.4)
373
2
0.4
220
2.2
1000
-06
2
100
FN 284E-4-06
4 (4.8)
373
1
0.4
220
2.2
1000
-06
2
100
FN 284E-6-06
6 (7.2)
373
0.45
0.4
220
2.2
1000
-06
2
100
FN 282B-1-06
1 (1.2)
2
7.5
220
1000
-06
2
90
FN 282B-2-06
2 (2.4)
2
2
220
1000
-06
2
90
FN 282B-4-06
4 (4.8)
2
1
220
1000
-06
2
90
FN 282B-6-06
6 (7.2)
2
0.45
220
1000
-06
2
90
FN 282B-10-06
10 (11.6)
2
0.34
220
1000
-06
2
90
FN 284B-1-06
1 (1.2)
2
7.5
220
1000
-06
2
90
FN 284B-2-06
2 (2.4)
2
2
220
1000
-06
2
90
FN 284B-4-06
4 (4.8)
2
1
220
1000
-06
2
90
FN 284B-6-06
6 (7.2)
2
0.45
220
1000
-06
2
90
FN 284B-10-06
10 (11.6)
2
0.34
220
1000
-06
2
90
FN 286B-1-06
1 (1.2)
2
7.5
220
1000
-06
2
90
FN 286B-2-06
2 (2.4)
2
2
220
1000
-06
2
90
FN 286B-4-06
4 (4.8)
2
1
220
1000
-06
2
90
FN 286B-6-06
6 (7.2)
2
0.45
220
1000
-06
2
90
FN 286B-10-06
10 (11.6)
2
0.34
220
1000
-06
2
90
Filter
Rated current
Leakage current*
Inductance
Capacitance Resistance
Output
Fuses**
Weight
@ 40°C (25°C)
@ 230VAC/50Hz
L1
L2
Cx
Cy
R connections
[A]
[μA]
[mH]
[mH]
[nF]
[nF]
[kΩ]
[Qty]
[g]


Similar Part No. - FN283E-2-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN283E-2-06 SCHAFFNER-FN283E-2-06 Datasheet
535Kb / 5P
   Compact filtered power entry module
More results

Similar Description - FN283E-2-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
   Compact filtered power entry module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
   Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
   Ultra Compact and Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
logo
Tyco Electronics
1CUFE1 MACOM-1CUFE1 Datasheet
390Kb / 4P
   Compact 1U Height Switched Power Entry Module
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com