Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN283-4-06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FN283-4-06
Description  Compact Filtered Power Entry Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN283-4-06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FN283-4-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN283-4-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN283-4-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN283-4-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN283-4-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
EMC/EMI Products > FN 280
Per CISPR 17; A = 50Ω/50Ω sym; B = 50Ω/50Ω asym; C = 0.1Ω/100Ω sym; D = 100Ω/0.1Ω sym
Typical filter attenuation
1A types
2 to 6A types
10A types
Product selector
FN 28xx-yy-zz
06:
Faston 6.3 x 0.8mm (spade/soldering)
1 to 10:
Rated current
Blank:
Standard version
E:
Optional earth line choke
B:
Medical version (with bleed resistor and without Y2-capacitor)
1:
Flange mounting version top/bottom, single-fuse
2:
Flange mounting version top/bottom, dual-fuse
3:
Flange mounting version left/right, single-fuse
4:
Flange mounting version left/right, dual-fuse
5:
Snap-in version, single-fuse
6:
Snap-in version, dual-fuse
For example: FN 281-6-06, FN 283B-04-06, FN 283E-1-06


Similar Part No. - FN283-4-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN283-4-06 SCHAFFNER-FN283-4-06 Datasheet
535Kb / 5P
   Compact filtered power entry module
More results

Similar Description - FN283-4-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
   Compact filtered power entry module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
   Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
   Ultra Compact and Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
logo
Tyco Electronics
1CUFE1 MACOM-1CUFE1 Datasheet
390Kb / 4P
   Compact 1U Height Switched Power Entry Module
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com