Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB12-G2151-102AF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB12-G2151-102AF
Description  12 mm Rotary Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB12-G2151-102AF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB12-G2151-102AF Datasheet HTML 1Page - Bourns Electronic Solutions PDB12-G2151-102AF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Single gang panel control
RoHS compliant*
Carbon element
Center detent option
Wide range of resistance tapers
Insulated shaft styles
Assortment of pin layouts
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/
synthesizers
PCs/monitors
Appliances
PDB12 Series - 12 mm Rotary Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
......................... 1K ohms to 1M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance ..........10 ohms max.
Environmental Characteristics
Power Rating
Linear ...................................0.08 watt
Audio....................................0.04 watt
Maximum Operating Voltage
Linear ........................................ 150 V
Audio......................................... 100 V
Sliding Noise ........................ 47 mV max.
Mechanical Characteristics
Mechanical Angle .....................300 ° ±5 °
Rotational Torque ............ 20 to 200 g-cm
Stop Strength ..................... 3 kg-cm min.
Rotational Life ................... 15,000 cycles
Soldering Condition
............300 °C max. within 3 seconds
Hardware .............. No hardware supplied
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
PDB12-H
L
F
30
°
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
6.0
(.24)
DIA.
6.0
(.24)
9.0
(.354)
12.4
(.488)
DIA.
2.6
(.102)
8.7
(.342)
3.2
(.125)
4.6
(.181)
4.5
(.177)
1.5
(.059)
1.5
(.059)
12.4
(.488)
7.5
(.295)
12.6
(.496)
2.5
(.098)
2.7
(.106)
10.0
(.393)
7.5
(.295)
3 PLCS.
1.0
(.039)
DIA.
1
2
3
PDB12-G
L
3.7
(.145)
F
DIA.
6.0
(.24)
4.5
(.177)
1.5
(.059)
10.0
(.393)
12.4
(.488)
DIA.
4.5
(.177)
3.0
(.118)
2.6
(.102)
4.0
(.157)
6.0
(.236)
4.5
(.177)
30
°
1.5
(.059)
1
2
3
7.5
(.295)
14.0
(.551)
RECOMMENDED PCB LAYOUT
4.0
(.157)
7.5
(.295)
3 PLCS.
1.0
(.039)
DIA.
2.7
(.106)
2.0
(.078)
12.0
(.472)
SHAFT SHOWN IN CCW POSITION
PDB12 Dimensions
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)
1
2
3
SCHEMATIC


Similar Part No. - PDB12-G2151-102AF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1003 SUPERWORLD-PDB1003 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003100MZF SUPERWORLD-PDB1003100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003101MZF SUPERWORLD-PDB1003101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003102MZF SUPERWORLD-PDB1003102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003150MZF SUPERWORLD-PDB1003150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDB12-G2151-102AF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PTVPTT BOURNS-PTVPTT Datasheet
298Kb / 3P
   12 mm Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com