Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5267MTH1R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5267MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5267MTH1R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5267MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers 5267MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
APEM
www.apem.com
A-31
5000 series
Toggle switches - straight PC terminals
Threaded bushing Ø 6,35 (1/4) : 5200
A
Single pole
Double pole
Three pole
• Terminal spacing 4,7 mm (.185)
• 1, 2, 3 and 4 pole configurations
• Epoxy sealed terminals standard
For new projects, we recommend switches with support
bracket (option Y) which holds the switch securely on the PCB.
Other terminal lengths presented under "Special options".
Also available with plain bushing, see "Special options" X371
III
II
I
2-3
1-2
5236 B
ON
-
ON
5239 B
ON
OFF
ON
5237 B
MOM OFF MOM
5238 B
ON
OFF MOM
5232 B
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5246 B
ON
-
ON
5249 B
ON
OFF
ON
5247 B
MOM OFF MOM
5248 B
ON
OFF MOM
5242 B
ON
- MOM
5244 B*
ON
ON
ON
5244 1R B*
ON
ON MOM
5244 2R B*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5256 B
ON
-
ON
5259 B
ON
OFF
ON
5257 B
MOM OFF MOM
5258 B
ON
OFF MOM
5252 B
ON
- MOM
MODEL
STRUCTURE
Shown with standard lever (-13)
Keyway
Keyway
Keyway
*Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
Keyway
1
2
3
1.10
(.043)
12.00
(.472)
8.00
(.314)
(.413)
10.50
1.00
(.039)
Ø6.35-40UNS
(1/4-40UNS)
4.00
(.157)
13.30
(.523)
4.70
Ø1.60
(.063 DIA)
(.185)
III
II
I
1
2
3
6
5
4
Epoxy
(.039)
1.00
10.50
(.413)
(.314)
8.00
7.00
(.275)
(1/4-40UNS)
Ø6.35-40UNS
(.523)
(.157)
13.30
4.00
(.185)
(.063 DIA)
Ø1.60
4.70
I
II
III
3
2
1
Epoxy
16.50
(.649)
10.50
(.413)
(.314)
8.00
(.039)
1.00
(1/4-40UNS)
Ø6.35-40UNS
(.157)
4.00
(.567)
14.40
(.185)
4.70
(.063 DIA)
Ø1.60
III
II
I
3
2
1
7
8
9
Epoxy


Similar Part No. - 5267MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5267MTH1R ETC2-5267MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5267MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com