Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75182NE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75182NE4
Description  DUAL DIFFERENTIAL LINE RECEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75182NE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75182NE4 Datasheet HTML 1Page - Texas Instruments SN75182NE4 Datasheet HTML 2Page - Texas Instruments SN75182NE4 Datasheet HTML 3Page - Texas Instruments SN75182NE4 Datasheet HTML 4Page - Texas Instruments SN75182NE4 Datasheet HTML 5Page - Texas Instruments SN75182NE4 Datasheet HTML 6Page - Texas Instruments SN75182NE4 Datasheet HTML 7Page - Texas Instruments SN75182NE4 Datasheet HTML 8Page - Texas Instruments SN75182NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN55182, SN75182
DUAL DIFFERENTIAL LINE RECEIVERS
SLLS092D – OCTOBER 1972 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of VCC, VIC, and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIT
Positive going input threshold voltage
VO = 2.5 V,
VIC = –3 V to 3 V
0.5
V
VIT+
Positive-going input threshold voltage
O
,
IOH = –400 µA
VIC = –15 V to 15 V
1
V
VIT
Negative going input threshold voltage
VO = 0.4 V,
VIC = –3 V to 3 V
–0.5
V
VIT–
Negative-going input threshold voltage
O
,
IOL = 16 mA
VIC = –15 V to 15 V
–1
V
VID =1V V(STRB) =2 1V IOH = 400 µA
25
42
55
VOH
High level output voltage
VID = 1 V, V(STRB) = 2.1 V, IOH = –400 µA
2.5
4.2
5.5
V
VOH
High-level output voltage
VID =1 V V(STRB) =0 4V IOH = 400 µA
25
42
55
V
VID = –1 V, V(STRB) = 0.4 V, IOH = –400 µA
2.5
4.2
5.5
VOL
Low level output voltage
VID =1 V V(STRB) =2 1V IOL =16mA
025
04
V
VOL
Low-level output voltage
VID = –1 V, V(STRB) = 2.1 V, IOL = 16 mA
0.25
0.4
V
VIC = 15 V
3
4.2
Inverting input
VIC = 0
0
–0.5
II
Input current
VIC = –15 V
–3
–4.2
mA
II
Input current
VIC = 15 V
5
7
mA
Noninverting input
VIC = 0
–1
–1.4
VIC = –15 V
–7
–9.8
IIH(STRB)
High-level strobe input current
V(STRB) = 5.5 V
5
µA
IIL(STRB)
Low-level strobe input current
V(STRB) = 0
–1
–1.4
mA
ri
Input resistance
Inverting input
3.6
5
k
ri
Input resistance
Noninverting input
1.8
2.5
k
Line-terminating resistance
TA = 25°C
120
170
250
IOS
Short-circuit output current
VCC = 5.5 V,
VO = 0
–2.8
–4.5
–6.7
mA
VIC = 15 V,
VID = –1 V
4.2
6
ICC
Supply current (average per receiver)
VIC = 0,
VID = –0.5 V
6.8
10.2
mA
VIC = –15 V,
VID = –1 V
9.4
14
† Unless otherwise noted, V(STRB) ≥ 2.1 V or open.
‡ All typical values are at VCC = 5 V, VIC = 0, and TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH(D)
Propagation delay time,
low- to high-level output from differential input
RL = 400 Ω,
CL = 15 pF,
see Figure 1
18
40
ns
tPHL(D)
Propagation delay time,
high- to low-level output from differential input
RL = 400 Ω,
CL = 15 pF,
see Figure 1
31
45
ns
tPLH(S)
Propagation delay time,
low- to high-level output from STRB input
RL = 400 Ω,
CL = 15 pF,
see Figure 1
9
30
ns
tPHL(S)
Propagation delay time,
high- to low-level output from STRB input
RL = 400 Ω,
CL = 15 pF,
see Figure 1
15
25
ns


Similar Part No. - SN75182NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75182NE4 TI-SN75182NE4 Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75182NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com