Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306DCTRE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9306DCTRE4
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9306DCTRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9306DCTRE4 Datasheet HTML 5Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 6Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 7Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 8Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 9Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 10Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 11Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 12Page - Texas Instruments PCA9306DCTRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R
PU
+
V
DPU
* 0.35 V
0.015 A
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1000
Frequency (MHz)
PCA9306
www.ti.com
SCPS113J – OCTOBER 2004 – REVISED OCTOBER 2010
Sizing Pullup Resistor
The pullup resistor value needs to limit the current through the pass transistor, when it is in the on state, to about
15 mA. This ensures a pass voltage of 260 mV to 350 mV. If the current through the pass transistor is higher
than 15 mA, the pass voltage also is higher in the on state. To set the current through each pass transistor at 15
mA, the pullup resistor value is calculated as:
The following table summarizes resistor values, reference voltages, and currents at 15 mA, 10 mA, and 3 mA.
The resistor value shown in the +10% column (or a larger value) should be used to ensure that the pass voltage
of the transistor is 350 mV or less. The external driver must be able to sink the total current from the resistors on
both sides of the PCA9306 device at 0.175 V, although the 15 mA applies only to current flowing through the
PCA9306 device.
PULLUP RESISTOR VALUES (1) (2)
PULLUP RESISTOR VALUE (
Ω)
15 mA
10 mA
3 mA
VDPU
NOMINAL
+10%(3)
NOMINAL
+10%(3)
NOMINAL
+10%(3)
5 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312
(1)
Calculated for VOL = 0.35 V
(2)
Assumes output driver VOL = 0.175 V at stated current
(3)
+10% to compensate for VDD range and resistor tolerance
PCA9306 Bandwidth
The maximum frequency of the PCA9306 is dependent on the application. The device can operate at speeds of
> 100MHz given the correct conditions. The maximum frequency is dependent upon the loading of the
application. The PCA9306 behaves like a standard switch where the bandwidth of the device is dictated by the
on resistance and on capacitance of the device.
Figure 4 shows a bandwidth measurement of the PCA9306 using a two-port network analyzer.
Figure 4. Bandwidth
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9306


Similar Part No. - PCA9306DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306DCTRE4 TI-PCA9306DCTRE4 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results

Similar Description - PCA9306DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com