Electronic Components Datasheet Search |
|
LP2980IM5X-ADJ Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LP2980IM5X-ADJ Datasheet(HTML) 1 Page - Texas Instruments |
1 / 18 page LP2980-ADJ www.ti.com SNVS001E – APRIL 2000 – REVISED APRIL 2013 LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23 Check for Samples: LP2980-ADJ 1 FEATURES DESCRIPTION The LP2980-ADJ is a 50 mA adjustable voltage 2 • Ultra Low Dropout Voltage regulator designed to provide ultra low dropout in • Output Adjusts from 1.23V to 15V battery powered applications. • Specified 50 mA Output Current Using an optimized VIP (vertically Integrated PNP) • Uses Tiny SOT-23 Package process, the LP2980-ADJ delivers unequaled • Requires Few External Components performance in all specifications critical to battery- powered designs: • <1 μA Quiescent Current when Shutdown Adjustable Output: output voltage can be set from • Low Ground Pin Current at All Loads 1.23V to 15V. • High Peak Current Capability (150 mA Typical) Precision Reference: 1.0% tolerance. • Wide Supply Voltage Range (2.5V–16V) • Overtemperature/overcurrent Protection Dropout Voltage: typically 120 mV @ 50 mA load, and 7 mV @ 1 mA load. • −40°C to +125°C Junction Temperature Range Ground Pin Current: typically 320 µA @ 50 mA APPLICATIONS load, and 80 µA @ 1 mA load. • Cellular Phone Sleep Mode: less than 1 μA quiescent current when on/off pin is pulled low. • Palmtop/Laptop Computer • Camcorder, Personal Stereo, Camera Smallest Possible Size: Package uses minimum board space. Block Diagram 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2000–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - LP2980IM5X-ADJ |
|
Similar Description - LP2980IM5X-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |