Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6482IM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IM
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC6482IM Datasheet HTML 6Page - Texas Instruments LMC6482IM Datasheet HTML 7Page - Texas Instruments LMC6482IM Datasheet HTML 8Page - Texas Instruments LMC6482IM Datasheet HTML 9Page - Texas Instruments LMC6482IM Datasheet HTML 10Page - Texas Instruments LMC6482IM Datasheet HTML 11Page - Texas Instruments LMC6482IM Datasheet HTML 12Page - Texas Instruments LMC6482IM Datasheet HTML 13Page - Texas Instruments LMC6482IM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
LMC6482
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = +15V, Single Supply, TA = 25°C unless otherwise specified
CMRR vs. Input Voltage
CMRR vs. Input Voltage
Figure 22.
Figure 23.
CMRR vs. Input Voltage
ΔVOS vs. CMR
Figure 24.
Figure 25.
ΔVOS vs. CMR
Input Voltage vs. Output Voltage
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6482


Similar Part No. - LMC6482IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482IM NSC-LMC6482IM Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482IM TI-LMC6482IM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IM TI-LMC6482IM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IM TI1-LMC6482IM Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482IM TI1-LMC6482IM Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_16 Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com